Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3396 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3396
Description  GENERAL PURPOSE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3396 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3396 Datasheet HTML 2Page - RF Micro Devices RF3396 Datasheet HTML 3Page - RF Micro Devices RF3396 Datasheet HTML 4Page - RF Micro Devices RF3396 Datasheet HTML 5Page - RF Micro Devices RF3396 Datasheet HTML 6Page - RF Micro Devices RF3396 Datasheet HTML 7Page - RF Micro Devices RF3396 Datasheet HTML 8Page - RF Micro Devices RF3396 Datasheet HTML 9Page - RF Micro Devices RF3396 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-604
RF3396
Rev A7 060907
Gain versus Frequency Across Temperature
ICC=35mA
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output P1dB versus Frequency Across Temperature
ICC=35mA
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
3600.0
4100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output IP3 versus Frequency Across Temperature
ICC=35mA
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
3600.0
4100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Noise Figure versus Frequency Across Temperature
ICC=35mA
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Input VSWR versus Frequency Across Temperature
ICC=35mA
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output VSWR versus Frequency Across Temperature
ICC=35mA
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C


Similar Part No. - RF3396

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
269Kb / 10P
   GENERAL PURPOSE AMPLIFIER
RF3396PCBA RFMD-RF3396PCBA Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
RF3396PCBA-41X RFMD-RF3396PCBA-41X Datasheet
269Kb / 10P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396_1 Datasheet
269Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3396

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com