Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3800 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3800
Description  GaAs HBT PRE-DRIVER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3800 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3800 Datasheet HTML 1Page - RF Micro Devices RF3800 Datasheet HTML 2Page - RF Micro Devices RF3800 Datasheet HTML 3Page - RF Micro Devices RF3800 Datasheet HTML 4Page - RF Micro Devices RF3800 Datasheet HTML 5Page - RF Micro Devices RF3800 Datasheet HTML 6Page - RF Micro Devices RF3800 Datasheet HTML 7Page - RF Micro Devices RF3800 Datasheet HTML 8Page - RF Micro Devices RF3800 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
3-110
RF3800
Rev A9 DS070130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - 220MHz
Application Schematic - 570MHz to 610MHz
Application Schematic - 680MHz
Application Schematic - 880MHz
C5
6.8 pF
C6
DNI
L5
6.8 nH
L4
47 nH
100 pF
DNI
910
Ω
910
Ω
910
Ω
220 pF
1000 pF
0.1
μF10 μF
+
C4
DNI
C10
56 pF
C8
DNI
C7
DNI
C9
39 pF
C18
220 pF
1000 pF
0.1
μF
1000 pF
0.1
μF
220 pF
10
μF
+
10
μF
+
DNI
DNI
DNI
VREF
0.1
μF
220 pF
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
100 pF
RF IN
RF OUT
VCC
22 nH
22 nH
5.6 pF
DNI
6.8 nH
1.8 nH
47 nH
100 pF
DNI
910
Ω
910
Ω
910
Ω
220 pF
1000 pF
0.1
μF10 μF
+
DNI
220 pF
DNI
DNI
5.6 pF
220 pF
1000 pF
0.1
μF
1000 pF
0.1
μF
220 pF
10
μF
+
10
μF
+
DNI
DNI
DNI
VREF
0.1
μF
220 pF
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
RF IN
RF OUT
VCC
15 pF
100 pF
5.6 pF
DNI
5.6 nH
1.8 nH
47 nH
33 pF
DNI
910
Ω
910
Ω
910
Ω
220 pF
1000 pF
0.1
μF10 μF
+
DNI
220 pF
DNI
DNI
5.6 pF
220 pF
1000 pF
0.1
μF
1000 pF
0.1
μF
220 pF
10
μF
+
10
μF
+
DNI
DNI
DNI
VREF
0.1
μF
220 pF
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
RF IN
RF OUT
VCC
12 pF
47 pF
DNI
DNI
2.2 nH
2.2 nH
47 nH
100 pF
DNI
910
Ω
910
Ω
910
Ω
220 pF
1000 pF
0.1
μF10 μF
+
15 pF
33 pF
DNI
DNI
4.3 pF
220 pF
1000 pF
0.1
μF
1000 pF
0.1
μF
220 pF
10
μF
+
10
μF
+
DNI
DNI
DNI
VREF
0.1
μF
220 pF
1
2
3
4
8
7
6
5
PACKAGE BASE
GND
Bias
Circuit
RF IN
RF OUT
VCC
9.1 pF
100 pF
150 nH


Similar Part No. - RF3800

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3800

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807_1 Datasheet
781Kb / 20P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com