Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9408 Datasheet(PDF) 4 Page - EPCOS

Part # B9408
Description  SAW Filter 2140.0 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9408 Datasheet(HTML) 4 Page - EPCOS

  B9408 Datasheet HTML 1Page - EPCOS B9408 Datasheet HTML 2Page - EPCOS B9408 Datasheet HTML 3Page - EPCOS B9408 Datasheet HTML 4Page - EPCOS B9408 Datasheet HTML 5Page - EPCOS B9408 Datasheet HTML 6Page - EPCOS B9408 Datasheet HTML 7Page - EPCOS B9408 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
December 20, 2005
B9408
2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Preliminary Data
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Source Power
PS
5
dBm
cw signal


Similar Part No. - B9408

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9400 EPCOS-B9400 Datasheet
91Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 881.50 MHz
B9401 EPCOS-B9401 Datasheet
90Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942.50 MHz
B9402 EPCOS-B9402 Datasheet
106Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
B9403 EPCOS-B9403 Datasheet
72Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960.0 MHz
B9406 EPCOS-B9406 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1842.50 MHz
More results

Similar Description - B9408

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
   SAW Filter 2140.0 MHz
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
   2140.0 MHz RF SAW Filter
logo
EPCOS
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B9412 EPCOS-B9412 Datasheet
76Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 2140.0 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com