Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9422 Datasheet(PDF) 4 Page - EPCOS

Part # B9422
Description  SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9422 Datasheet(HTML) 4 Page - EPCOS

  B9422 Datasheet HTML 1Page - EPCOS B9422 Datasheet HTML 2Page - EPCOS B9422 Datasheet HTML 3Page - EPCOS B9422 Datasheet HTML 4Page - EPCOS B9422 Datasheet HTML 5Page - EPCOS B9422 Datasheet HTML 6Page - EPCOS B9422 Datasheet HTML 7Page - EPCOS B9422 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
March 17, 2006
B9422
881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter for Mobile Communication
Data sheet
Maximum ratings
Operable temperature range T
-30/+85
˚C
Storage temperature range
Tstg
-40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
100 1)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input Power at
GSM850, GSM900
PIN
15
dBm
effective power in the on-state,
GSM1800, GSM1900
PIN
15
dBm
duty cycle 4:8
Tx bands


Similar Part No. - B9422

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9423 EPCOS-B9423 Datasheet
78Kb / 8P
   Low-Loss Filter for Mobile Communication
B9425 EPCOS-B9425 Datasheet
86Kb / 7P
   SAW Tx filter 836.5 MHz
B9426 EPCOS-B9426 Datasheet
102Kb / 8P
   SAW Tx filter 836.5 MHz
B9428 EPCOS-B9428 Datasheet
81Kb / 9P
   SAW Tx filter WCDMA Band II (PCS-Band)
B9429 EPCOS-B9429 Datasheet
79Kb / 9P
   SAW filters for mobile communications
More results

Similar Description - B9422

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9035 EPCOS-B9035 Datasheet
72Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881.5 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com