Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3865PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3865PCK-410
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3865PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3865PCK-410 Datasheet HTML 1Page - RF Micro Devices RF3865PCK-410 Datasheet HTML 2Page - RF Micro Devices RF3865PCK-410 Datasheet HTML 3Page - RF Micro Devices RF3865PCK-410 Datasheet HTML 4Page - RF Micro Devices RF3865PCK-410 Datasheet HTML 5Page - RF Micro Devices RF3865PCK-410 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
RF3865
Rev A0 DS070622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
1NC
Not connected.
2NC
Not connected.
3RF IN
RF input pin. 50
Ω matched. This pin is DC-blocked.
4NC
Not connected.
5AC GND1
AC ground. Shunt cap may be added for tuning.
6NC
Not connected.
7
INTERSTAGE
OUT
Interstage RF output.
8NC
Not connected.
9
INTERSTAGE
IN
Interstage RF input.
10
NC
Not connected.
11
AC GND2
AC ground. Shunt resistor may be added to increase IDD and OIP3.
12
NC
Not connected.
13
RF OUT
RF output pin. 50
Ω matched. This pin is DC-blocked
14
NC
Not connected.
15
NC
Not connected.
16
NC
Not connected.
17
VD2
Bias voltage. 2.5V to 6.0V applied through bias inductor.
18
NC
Not connected.
19
VD1
Bias voltage. 2.5V to 6.0V applied through bias inductor.
20
NC
Not connected.
Pkg
Base
GND
Ground connection and heat sink.
0.90
0.80
0.20 REF
0.05
0.00
0.70
0.60
0.05 C
12°
MAX
-C-
SEATING
PLANE
-A-
2.75 TYP
5.00 SQ.
2 PLCS
0.10 CA
2 PLCS
0.10 CB
-B-
2 PLCS
0.10 CB
2.37 TYP
4.75 SQ.
0.10 CA
0.65
0.35
0.23
PIN 1 ID
0.20 R
3.20
3.00
SQ.
0.60
0.24
TYP
0.75
0.50
TYP
Dimensions in mm.


Similar Part No. - RF3865PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-410 RFMD-RF3861PCK-410 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-411 RFMD-RF3861PCK-411 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861PCK-412 RFMD-RF3861PCK-412 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
More results

Similar Description - RF3865PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
   DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Infineon Technologies A...
BFR380F INFINEON-BFR380F_13 Datasheet
652Kb / 10P
   High linearity low noise driver amplifier
2013-11-06
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com