Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5111 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5111
Description  3V DCS POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5111 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5111 Datasheet HTML 4Page - RF Micro Devices RF5111 Datasheet HTML 5Page - RF Micro Devices RF5111 Datasheet HTML 6Page - RF Micro Devices RF5111 Datasheet HTML 7Page - RF Micro Devices RF5111 Datasheet HTML 8Page - RF Micro Devices RF5111 Datasheet HTML 9Page - RF Micro Devices RF5111 Datasheet HTML 10Page - RF Micro Devices RF5111 Datasheet HTML 11Page - RF Micro Devices RF5111 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2-8
RF5111
Rev A1 060921
Application Schematic
Notes:
1. Using a hi-Q capacitor will increase efficiency slightly.
2. All capacitors are standard 0402 multi layer chip.
RF IN
V
CC
V
CC
5.1 pF
Note 1
50
Ω μstrip
1.0 pF
Note 1
33 pF
RF OUT
Quarter wave
length
15 pF
V
CC
1.0 pF
1 nF
12 pF
Very close to
pin 15/16
V
CC
APC
15 pF
15 pF
Distance center to
center of capacitors
0.220"
Instead of a stripline,
an inductor of ~6 nH
can be used
Distance between
edge of device and
capacitor is 0.080"
Instead of a stripline, an
inductor of 2.2 nH can
be used
15 pF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
33 pF
15 pF
Distance between edge of
device and capacitor is
0.240" to improve the "off"
isolation


Similar Part No. - RF5111

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5111 RFMD-RF5111 Datasheet
311Kb / 14P
   3V DCS POWER AMPLIFIER
RF5111PCBA-41X RFMD-RF5111PCBA-41X Datasheet
311Kb / 14P
   3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
   3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_15 Datasheet
918Kb / 14P
   DCS POWER AMPLIFIER
More results

Similar Description - RF5111

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
   3V DCS POWER AMPLIFIER
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
   3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
   3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
   3V DCS POWER AMPLIFIER
logo
TriQuint Semiconductor
TQM7M4012 TRIQUINT-TQM7M4012 Datasheet
538Kb / 12P
   3V QUAD - BRAND GSM850/900 DCS/PCS POWER AMPLIFIER MODULE
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com