Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5125PCBA-41X Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5125PCBA-41X
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5125PCBA-41X Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5125PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 10Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 11Page - RF Micro Devices RF5125PCBA-41X Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF5125
Rev A23 DS070515
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Date: 31.JAN.2005
21:01:52
Center
2.45 GHz
6.653384837 MHz/
Span 66.53384837 MHz
CH PWR
ACP Low
ACP Up
ALT1 Low
ALT1 Up
21.06 dBm
-39.70 dB
-38.81 dB
-55.52 dB
-57.00 dB
LVL
A
* RBW
100 kHz
* VBW
100 kHz
* SWT
300 ms
* Att
10 dB
Ref
20.3 dBm
20
Offset
5.3 dB
1 RM
CLRWB
*
10
0
-10
-20
-30
-40
-50
-60
-70
RF Power Spectrum @ +21 dBm 11 Mbps CCK Modulation
(V
CC = + 3.3 V DC; V REG = +2.8 VDC; Frequency = 2.45 G H z)
ACP versus POUT
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
Output Power (dBm)
ACP1 2400MHz
ACP1 2450MHz
ACP1 2500MHz
2400MHz ACP2
2450MHz ACP2
2500MHz ACP2
EVM versus POUT
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
Operating Current versus POUT
0.00
0.05
0.10
0.15
0.20
0.25
0.00
5.00
10.00
15.00
20.00
25.00
Output Power (dBm)
2400MHz
2450MHz
2500MHz
PDETECT versus POUT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz


Similar Part No. - RF5125PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
More results

Similar Description - RF5125PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
   3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5102 RFMD-RF5102 Datasheet
591Kb / 11P
   3V TO 5V LINEAR POWER AMPLIFIER FOR 2.4GHz WIFI
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
   3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
   3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com