Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5163 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5163
Description  3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5163 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5163 Datasheet HTML 4Page - RF Micro Devices RF5163 Datasheet HTML 5Page - RF Micro Devices RF5163 Datasheet HTML 6Page - RF Micro Devices RF5163 Datasheet HTML 7Page - RF Micro Devices RF5163 Datasheet HTML 8Page - RF Micro Devices RF5163 Datasheet HTML 9Page - RF Micro Devices RF5163 Datasheet HTML 10Page - RF Micro Devices RF5163 Datasheet HTML 11Page - RF Micro Devices RF5163 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2-635
RF5163
Rev A12 061114
Evaluation Board Layout
RF5163PCBA Evaluation Board (2400MHz to 2500MHz)
Board Size 2.0” x 2.0”
Board Thickness 0.031”, Board Material FR-4, Multi-Layer


Similar Part No. - RF5163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163L RFMD-RF5163L Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163PCBA-41X RFMD-RF5163PCBA-41X Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163PCBA-WD RFMD-RF5163PCBA-WD Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF5163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_1 Datasheet
288Kb / 12P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com