Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5163PCBA-WD Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5163PCBA-WD
Description  3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5163PCBA-WD Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5163PCBA-WD Datasheet HTML 4Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 5Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 6Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 7Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 8Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 9Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 10Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 11Page - RF Micro Devices RF5163PCBA-WD Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2-634
RF5163
Rev A12 061114
Evaluation Board Schematic
RF5163PCBA-WD Evaluation Board (2400MHz to 2500MHz)
C14
1.5 pF
L2*
1.5 nH
15
14
13
12
11
10
4
3
2
1
16
9
8
7
6
5
Bias
C18
330 pF
C20
1 nF
L3
10 nH
C16*
3.9 pF
C17*
1 pF
C15
10 pF
J2
RF OUT
C11*
2.2 nF
C13*
7.5 pF
U2
P_DOWN
R6
750
Ω
P_DETECT
R7
100
Ω
C19
1 nF
R8
150
Ω
C21
4.7 uF
L1
6.8 nH
Coilcraft
0603
C12
1 uF
R5
300
Ω
R2
18
Ω
R4
300
Ω
C7
2.0 pF
C8
NPP
L4
4.7 nH
C4
1 nF
C5
10 nF
R1
0
Ω
C2
4.7 uF
C6
220 pF
R3
560
Ω
C10
220 pF
C9
1 nF
VPD
C3
1 nF
FB1
TBD
P3
1
2
GND
P3-1
HDR_1X2
VPD
U1
2
3
4
5
1 RF IN
GND2
VPD
GND
RF OUT
J1
RF IN
R10
300
Ω
R9
300
Ω
C11 should be
placed 15 mils
from the PA
C1
4.7 uF
R11
18
Ω
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
Test Coupon
J3
J4
50
Ω μStrip
XX mil
TL1=45 mil (50
Ω)
from chip
VREG
P6
1
2
3
4
P6-1
VREG
P6-2
P_DETECT
GND
P6-4
P_DOWN
P1*
1
2
GND
P1-2
VCC
P5-1
VCC
P5
1
VCC
VCC
VCC
P2
1
2
GND
P2-1
HDR_1X2
VCC
P4
1
GND
2373+5163410, r2
L2 should be
placed 78 mils
(50
Ω) from
the PA
TL2=C17 should be
placed at 214 mil
(50
Ω) from the PA
TL1=C16 should
be placed at 30 mil
(50
Ω) from the PA
TL3=C13 should be placed
10 mil (50
Ω) from the PA
1. Parts with
* should be populated as closely as possible to the instructions for each part.
Notes:
2. The following parts should be placed as follows:
• For 3 dB pad before the driver, populate R9, R10 and R11. If the 3 dB pad is not needed,
populate R11 with a 0
Ω resistor.
• For 3 dB pad in between the driver and PA, populate R2, R4 and R5. If the 3 dB pad is not needed,
populate R2 with a 0
Ω resistor.


Similar Part No. - RF5163PCBA-WD

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5163PCBA-WD RFMD-RF5163PCBA-WD Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF5163PCBA-WD

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_1 Datasheet
288Kb / 12P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com