Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5188 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-3
RF5188
Rev A4 060310
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Low Gain Mode (VMODE
High)
T=25oC Ambient, VCCBIAS=3.4V,
VCC=1.5V, VREG=2.8V, VMODE=2.8V, and
POUT=16dBm for all parameters (unless oth-
erwise specified). Modulation is 3GPP 3.2
03-00 DPCCH+1DPDCH.
Operating Frequency Range
1920
1980
MHz
Linear Gain
22
26
31
dB
Maximum Linear Output
16
dBm
Linear Efficiency
18.3
21.0
25.3
%
ACLR @ ±5MHz
-41
-37
dBc
ACLR @ ±10MHz
-54
-48
dBc
Maximum ICC
105
125
145
mA
Input VSWR
2:1
Output VSWR Stability
Ruggedness
6:1
No oscillation>-65dBc
10:1
No damage
IM Products
IM 5MHz
-31
dBc
IF offset fO+5MHz with CW signal=-40dBc
IM 10MHz
-41
dBc
IF offset fO+10MHz with CW signal=-40dBc
Power Supply
Supply Voltage (VCC1 and VCC2)
3.2
3.4
4.2
V
0.6
V
Low power with DC to DC Converter
VCC Bias
1.5
4.2
V
High Gain Idle Current
(ICC1/ICC2/ICCBIAS)
70
93
mA
VMODE=low and VREG=2.8V, VCC=3.4V
Low Gain Idle Current
(ICC1/ICC2/ICCBIAS)
60
83
mA
VMODE=high and VREG=2.8V, VCC=1.5V
VREG Current
1
3
mA
VMODE Current
250
uA
RF Turn On/Off Time
1.2
6
uS
DC Turn On/Off Time
2
25
uS
Total Current (Power Down)
0.2
0.5
uA
VREG Low Voltage (Power Down)
0
0.5
V
VREG High Voltage (Recom-
mended)
2.75
2.8
2.95
V
VREG High Voltage (Operational)
2.7
3.0
V
VMODE Voltage
0
0.5
V
High Gain Mode
VMODE Voltage
2.0
3.0
V
Low Gain Mode


Similar Part No. - RF5188

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5188 RFMD-RF5188 Datasheet
210Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188PCBA-41X RFMD-RF5188PCBA-41X Datasheet
210Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF5188

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198_1 Datasheet
214Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
   3V W-CDMA LINEAR PA MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com