Electronic Components Datasheet Search |
|
T493D227J006CH6230 Datasheet(PDF) 4 Page - Kemet Corporation |
|
T493D227J006CH6230 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 8 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 25 SOLID TANTALUM CHIP CAPACITORS T493 SERIES—Military COTS T493 RATINGS AND PART NUMBER REFERENCE (1) To complete KEMET part number, insert M for ±20% or K for ±10% capacitance tolerance. To request ±5% tolerance,contact KEMET sales representative. (2) To complete KEMET part number, insert A for Non-ER; B for 0.1%/1000 Hrs.; or C for 0.01%/1000 Hrs. Reliability Level. (3) To complete KEMET part number, insert B for Gold Plated (50 µ inch minimum); C for Hot Solder Dipped (60 µ inch minimum); H for Solder Plated (100 µ inch minimum); K for Solder Fused (60 μ inch minimum Termination Finish or T for 100% Tin. (4) To complete KEMET part number for Surge Current testing, insert 61 for none; 62 for 10 cycles +25°C; or 64 for 10 cycles, -55°C & +85°C. (5) To complete KEMET part number, insert 10 for Standard ESR; 20 for Low ESR or 30 for Ultra-low ESR Option. * Extended Values #Maximum Capacitance Change @ 125°C = +15% † Maximum Capacitance Change @ 125°C = +20% 20 Volt Rating at +85ºC (13 Volt Rating at +125ºC) 25 Volt Rating at +85ºC (17 Volt Rating at +125ºC) Capaci- tance µF Case Size KEMET Part Number DCL µA @ 25ºC Max DF % @ +25ºC 120 Hz Max Std. ESR Ohms @+25°C 100 kHz Max Low ESR Ohms @+25°C 100 kHz Max Ultra-Low ESR, Ohms @+25°C 100 kHz Max 33.0 C T493C336(1)016(2)(3)(4)(5) 5.3 6.0 1.2 0.3 0.23 33.0 D T493D336(1)016(2)(3)(4)(5) 5.3 6.0 0.8 0.25 0.15 #47.0 C T493C476(1)016(2)(3)(4)(5) 7.5 6.0 1.2 0.5 0.35 47.0 D T493D476(1)016(2)(3)(4)(5) 7.5 6.0 0.8 0.2 0.10 68.0 D T493D686(1)016(2)(3)(4)(5) 10.9 6.0 0.7 0.2 0.15 #100.0 D T493D107(1)016(2)(3)(4)(5) 16.0 8.0 0.7 0.125 0.10 100.0 X T493X107(1)016(2)(3)(4)(5) 16.0 8.0 0.7 0.1 0.08 #150.0 X T493X157(1)016(2)(3)(4)(5) 24.0 8.0 0.5 0.2 0.10 0.47 A T493A474(1)020(2)(3)(4)(5) 0.5 4.0 14.0 9.0 N/A 0.68 A T493A684(1)020(2)(3)(4)(5) 0.5 4.0 12.0 8.0 N/A 1.0 A T493A105(1)020(2)(3)(4)(5) 0.5 4.0 10.0 5.5 N/A 1.5 A T493A155(1)020(2)(3)(4)(5) 0.5 6.0 8.0 4.5 N/A 1.5 B T493B155(1)020(2)(3)(4)(5) 0.5 6.0 6.0 4.0 N/A 2.2 A T493A225(1)020(2)(3)(4)(5) 0.5 6.0 7.0 4.0 N/A 2.2 B T493B225(1)020(2)(3)(4)(5) 0.5 6.0 3.5 1.5 N/A #3.3 A T493A335(1)020(2)(3)(4)(5) 0.7 6.0 7.0 4.0 N/A 3.3 B T493B335(1)020(2)(3)(4)(5) 0.7 6.0 3.5 1.3 N/A #4.7 A T493A475(1)020(2)(3)(4)(5) 1.0 8.0 6.0 1.8 N/A 4.7 B T493B475(1)020(2)(3)(4)(5) 1.0 6.0 3.5 1.0 N/A 4.7 C T493C475(1)020(2)(3)(4)(5) 1.0 6.0 2.4 0.6 N/A #6.8 B T493B685(1)020(2)(3)(4)(5) 1.4 6.0 3.5 1.0 N/A 6.8 C T493C685(1)020(2)(3)(4)(5) 1.4 6.0 1.9 0.6 N/A #10.0 B T493B106(1)020(2)(3)(4)(5) 2.0 6.0 3.0 1.0 1.0 10.0 C T493C106(1)020(2)(3)(4)(5) 2.0 6.0 1.8 0.5 0.48 15.0 C T493C156(1)020(2)(3)(4)(5) 3.0 6.0 1.7 0.4 0.38 15.0 D T493D156(1)020(2)(3)(4)(5) 3.0 6.0 1.0 0.35 0.28 #22.0 C T493C226(1)020(2)(3)(4)(5) 4.4 6.0 1.2 0.4 N/A 22.0 D T493D226(1)020(2)(3)(4)(5) 4.4 6.0 0.8 0.3 0.18 33.0 D T493D336(1)020(2)(3)(4)(5) 6.6 6.0 0.8 0.2 0.15 47.0 D T493D476(1)020(2)(3)(4)(5) 9.4 6.0 0.7 0.2 0.10 47.0 X T493X476(1)020(2)(3)(4)(5) 7.5 4.0 0.7 0.15 0.10 #68.0 D T493D686(1)020(2)(3)(4)(5) 13.6 8.0 0.7 0.2 0.15 68.0 X T493X686(1)020(2)(3)(4)(5) 13.6 6.0 0.7 0.15 0.12 0.33 A T493A334(1)025(2)(3)(4)(5) 0.5 4.0 15.0 10.0 N/A 0.47 A T493A474(1)025(2)(3)(4)(5) 0.5 4.0 14.0 9.0 N/A 0.68 A T493A684(1)025(2)(3)(4)(5) 0.5 4.0 10.0 6.0 N/A 0.68 B T493B684(1)025(2)(3)(4)(5) 0.5 4.0 7.5 5.5 N/A 1.0 A T493A105(1)025(2)(3)(4)(5) 0.5 4.0 8.0 4.0 N/A 1.0 B T493B105(1)025(2)(3)(4)(5) 0.5 4.0 5.0 2.0 N/A 1.5 A T493A155(1)025(2)(3)(4)(5) 0.5 6.0 10.0 3.0 N/A 1.5 B T493B155(1)025(2)(3)(4)(5) 0.5 6.0 5.0 1.5 N/A 2.2 B T493B225(1)025(2)(3)(4)(5) 0.6 6.0 4.5 1.2 N/A 2.2 C T493C225(1)025(2)(3)(4)(5) 0.6 6.0 3.5 2.2 1.30 3.3 B T493B335(1)025(2)(3)(4)(5) 0.9 6.0 3.5 2.0 N/A 3.3 C T493C335(1)025(2)(3)(4)(5) 0.9 6.0 2.5 1.2 0.75 #4.7 B T493B475(1)025(2)(3)(4)(5) 1.2 6.0 1.5 1.0 N/A 4.7 C T493C475(1)025(2)(3)(4)(5) 1.2 6.0 2.4 0.6 0.58 6.8 C T493C685(1)025(2)(3)(4)(5) 1.7 6.0 1.9 0.6 0.49 6.8 D T493D685(1)025(2)(3)(4)(5) 1.7 6.0 1.4 1.0 N/A 10.0 C T493C106(1)025(2)(3)(4)(5) 2.5 6.0 1.5 0.5 0.45 10.0 D T493D106(1)025(2)(3)(4)(5) 2.5 6.0 1.0 0.4 N/A #15.0 C T493C156(1)025(2)(3)(4)(5) 3.8 6.0 1.5 0.9 N/A 15.0 D T493D156(1)025(2)(3)(4)(5) 3.8 6.0 1.0 0.35 0.28 15.0 X T493X156(1)025(2)(3)(4)(5) 3.0 6.0 0.7 0.2 0.20 22.0 D T493D226(1)025(2)(3)(4)(5) 5.5 6.0 0.8 0.2 0.20 22.0 X T493X226(1)025(2)(3)(4)(5) 4.4 4.0 0.7 0.23 0.23 33.0 D T493D336(1)025(2)(3)(4)(5) 8.3 6.0 0.7 0.4 0.09 33.0 X T493X336(1)025(2)(3)(4)(5) 8.3 6.0 0.7 0.3 0.18 †47.0 D T493D476(1)025(2)(3)(4)(5) 11.8 10.0 0.7 0.2 0.12 †47.0 X T493X476(1)025(2)(3)(4)(5) 11.8 6.0 0.7 0.3 0.15 20 Volt Rating at +85ºC (13 Volt Rating at +125ºC) 25 Volt Rating at +85ºC (17 Volt Rating at +125ºC) 16 Volt Rating at +85ºC (10 Volt Rating at +125ºC) cont. |
Similar Part No. - T493D227J006CH6230 |
|
Similar Description - T493D227J006CH6230 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |