Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA5290A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA5290A
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5290A Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA5290A Datasheet HTML 1Page - NXP Semiconductors SAA5290A Datasheet HTML 2Page - NXP Semiconductors SAA5290A Datasheet HTML 3Page - NXP Semiconductors SAA5290A Datasheet HTML 4Page - NXP Semiconductors SAA5290A Datasheet HTML 5Page - NXP Semiconductors SAA5290A Datasheet HTML 6Page - NXP Semiconductors SAA5290A Datasheet HTML 7Page - NXP Semiconductors SAA5290A Datasheet HTML 8Page - NXP Semiconductors SAA5290A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
February 1995
4
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
PINNING
SYMBOL
PIN
DESCRIPTION
P2.0/TPWM
1
PORT 2: 8-bit open-drain bidirectional port with alternative functions. P2.0/TPWM is the
output for the 14-bit high precision PWM. P2.1/PWM0 to P2.6/PWM5 are the outputs for
the 6-bit PWMs 0 to 5.
P2.1/PWM0
2
P2.2/PWM1
3
P2.3/PWM2
4
P2.4/PWM3
5
P2.5/PWM4
6
P2.6/PWM5
7
P2.7
8
P3.0/ADC0
9
PORT 3: 5-bit open-drain bidirectional port with alternative functions. P3.0/ADC0 to
P3.2/ADC2 are the inputs for the software ADC facility.
P3.1/ADC1
10
P3.2/ADC2
11
P3.3
12
P3.4
30
VSSD1
13
digital ground 1 for teletext and microcontroller circuits.
P0.0
14
PORT 0: 8-bit open-drain bidirectional port. P0.5 and P0.6 have 10 mA current sinking
capability at 0.5 V for direct drive of LEDs.
P0.1
15
P0.2
16
P0.3
17
P0.4
18
P0.5
19
P0.6
20
P0.7
21
VSSA
22
analog ground.
CVBS0
23
Composite video input. A positive-going 1 V (peak-to-peak) input is required, connected
via a 100 nF capacitor.
CVBS1
24
BLACK
25
Video black level storage input. This pin should be connected to VSSA via a 100 nF
capacitor.
IREF
26
Reference current input for analog circuits, connected to VSSA via a 27 kΩ resistor.
FRAME
27
De-interlace output synchronized with the VSYNC pulse to produce a non-interlaced
display by adjustment of the vertical deflection currents.
VSSD2
28
Digital ground 2.
COR
29
Open-drain, active LOW output which allows selective contrast reduction of the TV
picture to enhance a mixed mode display.
RGBREF
31
DC input voltage to define the output HIGH level on the RGB pins.
B
32
Dot rate character output of the BLUE colour information.
G
33
Dot rate character output of the GREEN colour information.
R
34
Dot rate character output of the RED colour information.
VDS
35
Video/data switch push-pull output for dot rate fast blanking.
HSYNC
36
Horizontal sync dedicated input for a TTL-level version of the horizontal sync pulse. The
polarity of this pulse is programmable by register bit TXT1.H POLARITY.


Similar Part No. - SAA5290A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
SAA5290PS PHILIPS-SAA5290PS Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290ZP PHILIPS-SAA5290ZP Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
SAA5290ZP/NV PHILIPS-SAA5290ZP/NV Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
More results

Similar Description - SAA5290A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com