Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBB-310 Datasheet(PDF) 2 Page - RF Micro Devices

Part # NBB-310
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-310 Datasheet(HTML) 2 Page - RF Micro Devices

  NBB-310 Datasheet HTML 1Page - RF Micro Devices NBB-310 Datasheet HTML 2Page - RF Micro Devices NBB-310 Datasheet HTML 3Page - RF Micro Devices NBB-310 Datasheet HTML 4Page - RF Micro Devices NBB-310 Datasheet HTML 5Page - RF Micro Devices NBB-310 Datasheet HTML 6Page - RF Micro Devices NBB-310 Datasheet HTML 7Page - RF Micro Devices NBB-310 Datasheet HTML 8Page - RF Micro Devices NBB-310 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
NBB-310
Rev A11 DS070327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Power
+20
dBm
Power Dissipation
350
mW
Device Current
70
mA
Channel Temperature
200
°C
Operating Temperature
-45 to +85
°C
Storage Temperature
-65 to +150
°C
Exceeding any one or a combination of these limits may cause permanent
damage.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VD=+5V, ICC=50mA, Z0=50Ω, TA=+25°C
Small Signal Power Gain, S21
12.5
13.0
dB
f=0.1GHz to 1.0GHz
12.0
12.5
dB
f=1.0GHz to 4.0GHz
11.0
11.5
dB
f=4.0GHz to 8.0GHz
9.0
10.0
dB
f=8.0GHz to 12.0GHz
Gain Flatness, GF
±0.6
dB
f=0.1GHz to 8.0GHz
Input and Output VSWR
1.4:1
f=0.1GHz to 7.0GHz
1.75:1
f=7.0GHz to 10.0GHz
2.0:1
f=10.0GHz to 12.0GHz
Bandwidth, BW
12.0
GHz
BW3 (3dB)
Output Power @
-1dB Compression, P1dB
13.8
dBm
f=2.0GHz
15.2
dBm
f=6.0GHz
14.5
dBm
f=8.0GHz
12.0
dBm
f=12.0GHz
Noise Figure, NF
4.9
dB
f=3.0GHz
Third Order Intercept, IP3
+24.0
dBm
f=2.0GHz
Reverse Isolation, S12
-17
dB
f=0.1GHz to 12.0GHz
Device Voltage, VD
4.4
4.65
4.9
V
Gain Temperature Coefficient,
δGT/δT
-0.0015
dB/°C
MTTF versus Temperature
@ ICC=50mA
Case Temperature
85
°C
Junction Temperature
139
°C
MTTF
>1,000,000
hours
Thermal Resistance
θJC
216
°C/W
J
T
T
CASE
V
D
I
CC
---------------------------
θ
JC °CWatt
()
=
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.


Similar Part No. - NBB-310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-310 RFMD-NBB-310 Datasheet
221Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-310 RFMD-NBB-310 Datasheet
557Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
Qorvo, Inc
NBB-310 QORVO-NBB-310 Datasheet
558Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310-PCBA-41X QORVO-NBB-310-PCBA-41X Datasheet
558Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310-T1 QORVO-NBB-310-T1 Datasheet
558Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results

Similar Description - NBB-310

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB_312 QORVO-NBB_312 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310 RFMD-NBB-310_13 Datasheet
557Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com