Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBB-400-E Datasheet(PDF) 11 Page - RF Micro Devices

Part # NBB-400-E
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-400-E Datasheet(HTML) 11 Page - RF Micro Devices

Back Button NBB-400-E Datasheet HTML 4Page - RF Micro Devices NBB-400-E Datasheet HTML 5Page - RF Micro Devices NBB-400-E Datasheet HTML 6Page - RF Micro Devices NBB-400-E Datasheet HTML 7Page - RF Micro Devices NBB-400-E Datasheet HTML 8Page - RF Micro Devices NBB-400-E Datasheet HTML 9Page - RF Micro Devices NBB-400-E Datasheet HTML 10Page - RF Micro Devices NBB-400-E Datasheet HTML 11Page - RF Micro Devices NBB-400-E Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
NBB-400
Rev A10 DS070327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RoHS Compliant:
Yes
Package total weight in grams (g):
0.019
Compliance Date Code:
0602
Bill of Materials Revision:
-
Pb Free Category:
e3
Pb
Cd
Hg
Cr VI
PB B
PB DE
Di e
00
0000
Mo l di ng Co mpo und
00
0000
Le ad F r ame
00
0000
Di e Attach Epo x y
00
0000
Wi r e
00
0000
Sol de r Pl ati ng
00
0000
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the
use of certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
B i ll o f Mate r i al s
Par ts Pe r Mi l l i o n (PPM)
This R o HS banne d mate r i al co nte nt de cl ar ation was pr epar e d so le ly o n info r matio n, incl uding anal y tical
data, pr ovi de d to R F MD by i ts suppl i e r s, and appl i e s to the B i l l o f Mate r i al s (B OM) r e vi si o n note d


Similar Part No. - NBB-400-E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-400-E RFMD-NBB-400-E Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400-E RFMD-NBB-400-E Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results

Similar Description - NBB-400-E

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
RF Micro Devices
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com