Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX432 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX432
Description  1.24V Precision Adjustable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX432 Datasheet HTML 3Page - Sipex Corporation SPX432 Datasheet HTML 4Page - Sipex Corporation SPX432 Datasheet HTML 5Page - Sipex Corporation SPX432 Datasheet HTML 6Page - Sipex Corporation SPX432 Datasheet HTML 7Page - Sipex Corporation SPX432 Datasheet HTML 8Page - Sipex Corporation SPX432 Datasheet HTML 9Page - Sipex Corporation SPX432 Datasheet HTML 10Page - Sipex Corporation SPX432 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3PIN SOT-23
A
A2
A1
SIDE VIEW
A
A
Seating Plane
C
c
WITH PLATING
BASE METAL
b
E
E1
e
e1
D
b
1
2
3
L1
L
Gauge Plane
VIEW C
SEE VIEW C
B
B
SECTION B-B
VIEW A-A
Seating Plane
Ø
SYMBOL
MIN
NOM
MAX
A0.89
-
1.12
A1
0.01
-
0.1
A2
0.88
0.95
1.02
b0.3
-0.5
c0.08
-
0.2
D2.8
2.93.04
e
e1
E0.95
-
2.64
E1
1.2
1.3
1.4
L0.4
0.50.6
L1
ø0º
-
Note: Dimensions in (mm)
3 Pin SOT-23 JEDEC TO-236 (AB) Variation
0.95 BSC
1.90 BSC
0.54 REF


Similar Part No. - SPX432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM SIPEX-SPX432AM Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM5 SIPEX-SPX432AM5 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
More results

Similar Description - SPX432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
   1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com