Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2431 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2431
Description  Precision Adjustable Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2431 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2431 Datasheet HTML 1Page - Sipex Corporation SPX2431 Datasheet HTML 2Page - Sipex Corporation SPX2431 Datasheet HTML 3Page - Sipex Corporation SPX2431 Datasheet HTML 4Page - Sipex Corporation SPX2431 Datasheet HTML 5Page - Sipex Corporation SPX2431 Datasheet HTML 6Page - Sipex Corporation SPX2431 Datasheet HTML 7Page - Sipex Corporation SPX2431 Datasheet HTML 8Page - Sipex Corporation SPX2431 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 1/19/05
SPX2431 Precision Adjustable Shunt Regulator
© Copyright 2005 Sipex Corporation
0
5000
ppm
0
0.5
%
27ppm/°C
0.0027% / °C
0.0033mV /°C
015
3045
6075
90
105
0
mV
-5
∆T
∆VREF
Junction Temperature (°C)
VREF(mV)
TA
(
VREF at 25°C
)
TA
VREF
x 100
TC in % / °C =
TC in mV / °C =
(
VREF at 25°C
)
TA
VREF
x 106
TC in ppm / °C =
CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
Figure 1. V
REF VS Temperature
TEST CIRCUITS
IREF
VKA = VREF
VIN
IK
IREF
VKA
VIN
IK
(VREF)
R1
R2
VKA
VIN
IK (OFF)
Figure 2. Test Circuit for V
KA = VREF
Figure 3. Test Circuit for V
KA > VREF
Figure 4. Test Circuit for I
KOFF


Similar Part No. - SPX2431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2431 SIPEX-SPX2431 Datasheet
142Kb / 9P
   Precision Adjustable Shunt Regulator
SPX2431 SIPEX-SPX2431 Datasheet
133Kb / 9P
   Precision Adjustable Shunt Regulator
SPX2431 SIPEX-SPX2431 Datasheet
139Kb / 9P
   Precision Adjustable Shunt Regulator
SPX2431AM SIPEX-SPX2431AM Datasheet
142Kb / 9P
   Precision Adjustable Shunt Regulator
SPX2431AM SIPEX-SPX2431AM Datasheet
133Kb / 9P
   Precision Adjustable Shunt Regulator
More results

Similar Description - SPX2431

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com