Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6656EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6656EB
Description  Evaluation Board Manual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6656EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6656EB Datasheet HTML 1Page - Sipex Corporation SP6656EB Datasheet HTML 2Page - Sipex Corporation SP6656EB Datasheet HTML 3Page - Sipex Corporation SP6656EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 10/17/05
SP6655 Evaluation Board Manual
Copyright © Sipex Corp.
DESCRIPTION
The SP6656 Evaluation Board is designed to help the user evaluate the performance
of the SP6656 for use as a single Li-Ion battery Step-Down DC-DC Converter. The
SP6656 operates from 2.7V to 6.5V input, with the highest efficiency in the range 3.0V
to 4.2V where the Li-Ion battery has the most energy. The SP6656EB evaluation board
is a complete power supply circuit to provide ease of evaluation for the DC/DC
Converter performance.
FIGURE 1. SP6656 1.8V OUTPUT EVALUATION BOARD SCHEMATIC
Vin = 2.7V to 5.0V
RVIN
10.0
RI
200K
CVIN
1.0uF
OVSO
2
1
3
SP6656
U1
PVin
1
Vin
2
OVSO
3
OVSI
4
EN
5
FB
6
Vout
7
GND
8
PGND
9
LX
10
OVSI
L1
10uH
RF
249K
CF
120pF
CIN
10uF
COUT
10uF
1
2
EN
Vout = 1.8V (OVSI=L) or 2.8V (OVSI=H)
3
Rs
200K
USING THE EVALUATION BOARD
High Efficiency Synchronous
Step-Down Converter with up to
98% efficiency
400mA Output Current, only
20uA Quiescent Current
2.9V-5.5V Input Voltage range,
Output Adjustable down to 1.0V
Small 2.5x2.4mm DFN Package
& Ceramic Capacitors for small,
low profile Power Supply
Ideal for PDAs, Digital Cameras,
Wireless Modems, Cellular
Telephones
SP6656EB
Evaluation Board Manual


Similar Part No. - SP6656EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6656ER SIPEX-SP6656ER Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
SP6656ER/TR SIPEX-SP6656ER/TR Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
SP6656ER3 SIPEX-SP6656ER3 Datasheet
332Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
SP6656ER3TR SIPEX-SP6656ER3TR Datasheet
332Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator with Dynamically Adjustable Voltage Output
More results

Similar Description - SP6656EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com