Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2930M1-3.3 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2930M1-3.3
Description  150mA Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2930M1-3.3 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX2930M1-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 7Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 8Page - Sipex Corporation SPX2930M1-3.3 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 03/03/05
SPX2930 150mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
PART NUMBER
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX2930M1-3.3
3%
3.3V
3 lead SOT-89
SPX2930M1-3.3/TR
3%
3.3V
3 lead SOT-89
SPX2930M1-3.5
3%
3.5V
3 lead SOT-89
SPX2930M1-3.5/TR
3%
3.5V
3 lead SOT-89
SPX2930N-3.3
3%
3.3V
3 lead TO-92
SPX2930N-3.3/TR
3%
3.3V
3 lead TO-92
SPX2930N-3.5
3%
3.5V
3 lead TO-92
SPX2930N-3.5/TR
3%
3.5V
3 lead TO-92
SPX2930U-3.3
3%
3.3V
3 Lead TO-220
SPX2930U-3.5
3%
3.5V
3 Lead TO-220
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX2930N-3.3/TR = standard; SPX2930N-L-3.3/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92 and 2,500 for SOT-89.
CLICK HERE TO ORDER SAMPLES


Similar Part No. - SPX2930M1-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2930M1-3.3 SIPEX-SPX2930M1-3.3 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
SPX2930M1-3.3 SIPEX-SPX2930M1-3.3 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2930M1-3.3/TR SIPEX-SPX2930M1-3.3/TR Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2930M1-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com