Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117R-L-2-5 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX1117R-L-2-5
Description  800mA Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117R-L-2-5 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX1117R-L-2-5 Datasheet HTML 6Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 7Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 8Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 9Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 10Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 11Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 12Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 13Page - Sipex Corporation SPX1117R-L-2-5 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
PACKAGE: 3 PIN SOT-223


Similar Part No. - SPX1117R-L-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117R-1.5 SIPEX-SPX1117R-1.5 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117R-1.5 SIPEX-SPX1117R-1.5 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117R-1.5/TR SIPEX-SPX1117R-1.5/TR Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117R-1.8 SIPEX-SPX1117R-1.8 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117R-1.8/TR SIPEX-SPX1117R-1.8/TR Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117R-L-2-5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com