Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX4041 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX4041
Description  Precision 1.24V Shunt Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX4041 Datasheet HTML 1Page - Sipex Corporation SPX4041 Datasheet HTML 2Page - Sipex Corporation SPX4041 Datasheet HTML 3Page - Sipex Corporation SPX4041 Datasheet HTML 4Page - Sipex Corporation SPX4041 Datasheet HTML 5Page - Sipex Corporation SPX4041 Datasheet HTML 6Page - Sipex Corporation SPX4041 Datasheet HTML 7Page - Sipex Corporation SPX4041 Datasheet HTML 8Page - Sipex Corporation SPX4041 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
8
PACKAGE: 3 PIN TO-92
D
W
L
e1
e
b
A
S1
a
(2x)
E
R
SYMBOL
MIN
NOM
MAX
A
0.17
-
0.195
b
0.014
-
0.02
E
0.13
-
0.155
e
0.95
-
0.105
e1
0.045
-
0.055
L
0.5
-
0.61
R
0.085
-
0.095
S1
0.045
-
0.06
W
0.016
-
0.022
D
0.175
-
0.195
a4º
-
Note: Dimensions in (inches)
3 Pin TO-92


Similar Part No. - SPX4041

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AM-2 SIPEX-SPX4041AM-2 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AM-3 SIPEX-SPX4041AM-3 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AN-2 SIPEX-SPX4041AN-2 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AN-3 SIPEX-SPX4041AN-3 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
More results

Similar Description - SPX4041

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
   1.24V Precision Adjustable Shunt Reference
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
   1.24V Programmable Shunt Voltage Reference
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com