Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7111WP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7111WP
Description  Video Input Processor VIP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7111WP Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7111WP Datasheet HTML 1Page - NXP Semiconductors SAA7111WP Datasheet HTML 2Page - NXP Semiconductors SAA7111WP Datasheet HTML 3Page - NXP Semiconductors SAA7111WP Datasheet HTML 4Page - NXP Semiconductors SAA7111WP Datasheet HTML 5Page - NXP Semiconductors SAA7111WP Datasheet HTML 6Page - NXP Semiconductors SAA7111WP Datasheet HTML 7Page - NXP Semiconductors SAA7111WP Datasheet HTML 8Page - NXP Semiconductors SAA7111WP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
1998 May 15
4
Philips Semiconductors
Product specification
Video Input Processor (VIP)
SAA7111
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
4.5
5.0
5.5
V
VDDA
analog supply voltage
4.75
5.0
5.25
V
Tamb
operating ambient temperature
0
25
70
°C
PA+D
analog and digital power
0.77
1.0
1.26
W
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7111WP
PLCC68 plastic leaded chip carrier; 68 leads
SOT188-2
SAA7111H
QFP64
plastic quad flat package; 64 leads (lead length 1.6 mm); body
14
× 14 × 2.7 mm
SOT393-1


Similar Part No. - SAA7111WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AHZ PHILIPS-SAA7111AHZ Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7111WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com