Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29150T-3-3 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX29150T-3-3
Description  1.5A Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150T-3-3 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX29150T-3-3 Datasheet HTML 1Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 2Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 3Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 4Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 5Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 6Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 7Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 8Page - Sipex Corporation SPX29150T-3-3 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev A 8/5/06
SP2950/5/52/53 .5A Low Dropout voltage Regulator
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Line Regulation
Figure 4. Load Regulation
Figure 5. Ground Current vs Load Current
Figure 6. Ground Current vs Input Voltage
Figure 7. Ground Current vs Load Current in Dropout
Figure 8. Dropout Voltage vs Load Current
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
4
6
8
10
12
14
16
Vin (V)
3.3V Device
IL = 10mA
CL = 10uF
3.280
3.285
3.290
3.295
3.300
3.305
3.30
0
0.25
0.5
0.75

.25
.5
IL (A)
Vin = 4.3V
CL = 0µf
3.3V Device
0.0
0.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
0.25
0.5
0.75

.25
.5
IL (A)
3.3V Device
Vin = 4.3V
CL = 0uf
80
200
220
240
260
280
300
4
6
8
0
2
4
16
Vin (V)
3.3V Device
IL = 10mA
CL = 0uf
0
0
20
30
40
50
60
70
80
90
00
0
0.25
0.5
0.75

.25
.5
IL (A)
3.3V Device
vin = 3.2v
CL = 0uf
0
100
200
300
400
500
600
0
0.25
0.5
0.75
1
1.25
1.5
IL (A)
3.3V Device
CL = 10uF


Similar Part No. - SPX29150T-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29150T-3.3 SIPEX-SPX29150T-3.3 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150T-3.3 SIPEX-SPX29150T-3.3 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150T-3.3/TR SIPEX-SPX29150T-3.3/TR Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX29150T-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com