Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX5205M5-50 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX5205M5-50
Description  150mA, Low-Noise LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205M5-50 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX5205M5-50 Datasheet HTML 1Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 2Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 3Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 4Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 5Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 6Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 7Page - Sipex Corporation SPX5205M5-50 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Date:12/
18/04
SPX5205 150mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN SOT-23
D
E
E/2
e1
N/2
2
1
b
e
E1
E1/2
N
N/2
+1
L1
L
L
Ø
Seating Plane
Gauge Plane
VIEW C
SEE VIEW C
B
B
c
WITH PLATING
BASE METAL
b
Ø
Ø
SECTION B-B
Seating Plane
VIEW A-A
SIDE VIEW
SYMBOL
MIN
NOM
MAX
A-
-
1.45
A1
0
-
0.15
A2
0.9
1.15
1.3
b0.3
-0.5
c0.08
-
0.22
D
E
E1
e
e1
L0.3
0.45
0.6
L1
L2
Ø0º
4º8º
ø5º
10º
15º
Note: Dimensions in (mm)
5 Pin SOT-23 JEDEC MO-178 (AA) Variation
2.80 BSC
1.60 BSC
2.90 BSC
0.95 BSC
1.90 BSC
0.60 REF
0.25 BSC
A
A2
A1


Similar Part No. - SPX5205M5-50

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205M5-5.0 SIPEX-SPX5205M5-5.0 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX5205M5-50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com