Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25667A4237A375 Datasheet(PDF) 2 Page - EPCOS

Part # B25667A4237A375
Description  Capacitors for Power Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667A4237A375 Datasheet(HTML) 2 Page - EPCOS

  B25667A4237A375 Datasheet HTML 1Page - EPCOS B25667A4237A375 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4RB5 125-5 AB 42
r(40)
AC 460
(
= 40°C,
)
Humidity
Max. relative
AC 415
C61014-A0505-A401
B25667-A4237-A375
MKK415-D-12,5-01
PhaseCap™
3x 77
Q
50
3x 22
tan
0,2 W/kvar (dielectric)
N
Characteristics
f N
I
δ 0
CN
Marking
Toothed washer DIN 6797-J13
Hex nut DIN 439-BM12
Rivet
(Impregnating hole)
AC 540
I
4700
(du/dt)
14
(du/dt)
35
U
AC 900 V, 10 s
U
AC 3000 V, 10 s
0,5 W/kvar (total)
Maximum ratings
Test data
Θ
–40 °C
Θ
+55 °C
95 %
t
100 000 h
Θ
–55 bis +70 °C
Life expectancy
Remarks
Natural cooling
IEC 60831-1/2, EN 60831-1/2, VDE 560-46/47
121,6 x 164 mm (4,79 x 6,46 in)
Approx. weight
1,3 kg (2,9 lb)
Impregnation
Gas
Fixing
Threaded bolt M12
14 mm (0,55 in)
10 Nm
Terminals
Isolated terminal, IP20
Terminal cross section
16 mm² (5 AWG)
1,2 Nm
Creepage distance
12,7 mm (0,50 in)
Clearance
9,6 mm (0,38 in)
Overpressure disconnector
Any mounting position possible
Design data
Dimensions
KO L E / Pe 01.12.1999
Hz
A
12,5 kvar
V
UN
3x 17,5
I N
A
µF ±5 %
A
V/µs
V/µs
s
max
s
tan
δ≤
TT
TC
Climatic category
Max. torque
Mounting hole
Max. torque
Ø x l
min
max
LD
stg
Umax
V, 8 h daily
V, 1 min
60 Hz
15 kvar
21 A
-40/D
(50 Hz)
Humidity
ΘA
UN
Contact: EPCOS AG KO PM L, P.O. Box 80 17 09, 81617 Munich, Germany, Fax: 0049 89 636-22748, Phone: 0049 89 636-23817
Dimensions in mm


Similar Part No. - B25667A4237A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667A4237A355 EPCOS-B25667A4237A355 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667A4237A365 EPCOS-B25667A4237A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results

Similar Description - B25667A4237A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4307-A365 EPCOS-B25667-A4307-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4347-A365 EPCOS-B25667-A4347-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4387-A375 EPCOS-B25667-A4387-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A5726-A375 EPCOS-B25667-A5726-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A2317-A175 EPCOS-B25667-A2317-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com