Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117U-L Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1117U-L
Description  800mA Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117U-L Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX1117U-L Datasheet HTML 2Page - Sipex Corporation SPX1117U-L Datasheet HTML 3Page - Sipex Corporation SPX1117U-L Datasheet HTML 4Page - Sipex Corporation SPX1117U-L Datasheet HTML 5Page - Sipex Corporation SPX1117U-L Datasheet HTML 6Page - Sipex Corporation SPX1117U-L Datasheet HTML 7Page - Sipex Corporation SPX1117U-L Datasheet HTML 8Page - Sipex Corporation SPX1117U-L Datasheet HTML 9Page - Sipex Corporation SPX1117U-L Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Output Capacitor
To ensure the stability of the SPX1117, an
output capacitor of at least 2.2
µF (tantalum or
ceramic) or 10
µF (aluminum) is required. The
value may change based on the application
requirements of the output load or temperature
range. The value of ESR can vary based on the
type of capacitor used in the applications to
guarantee stability. The recommended value
for ESR is 0.5
Ω or less. A larger value of
output capacitance (up to 100
µF) can improve
the load transient response.
Soldering Methods
The SPX1117 SOT-223 package is designed
to be compatible with infrared reflow or
vapor-phase reflow soldering techniques.
During soldering, the non-active or mildly
active fluxes may be used. The SPX1117 die
is attached to the heatsink lead which exits
opposite the input, output, and ground pins.
Hand soldering and wave soldering should be
avoided since these methods can cause
damage to the device with excessive thermal
gradients on the package. The SOT-223
recommended soldering method are as
follows: vapor phase reflow and infrared
reflow with the component preheated to within
65
°C of the soldering temperature range.
Figure 16. Load Step Response (0 to 800mA), Vin=3.3V,
Vout=1.8V, Cin=10
µF, Cout=2.2µF, Ceramic; 1 = Vout,
4= Iload
Figure 17. Load Step Response (0 to 800mA), Vin=3.3V,
Vout=1.8V, Cin=10
µF, Cout=2.2µF, OSCON; 1 = Vout,
4= Iload
APPLICATION INFORMATION


Similar Part No. - SPX1117U-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117U-1.5 SIPEX-SPX1117U-1.5 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117U-1.5 SIPEX-SPX1117U-1.5 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117U-1.8 SIPEX-SPX1117U-1.8 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
SPX1117U-2.5 SIPEX-SPX1117U-2.5 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117U-2.5 SIPEX-SPX1117U-2.5 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117U-L

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com