Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117HM3-L-3-0 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX1117HM3-L-3-0
Description  800mA Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117HM3-L-3-0 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX1117HM3-L-3-0 Datasheet HTML 4Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 5Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 6Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 7Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 8Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 9Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 10Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 11Page - Sipex Corporation SPX1117HM3-L-3-0 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
Output Voltage
The output of the adjustable regulator can be set
to any voltage between 1.25V and 15V. The
value of V
OUT can be quickly approximated using
the formula
V
OUT=1.25 *(R1 + R2)/R1.
A small correction to this formula is required
depending on the values of resistors R
1 and R2,
since the adjustable pin current (approx 50
µA)
flows through R
2.
When I
ADJ is taken into ac-
count, the formula becomes
V
OUT = VREF(1+ (R2/R1)) + IADJ * R2,
where
V
REF=1.25V.
Layout Considerations
Parasitic line resistance can degrade load regu-
lation. In order to avoid this, connect R
1 directly
to V
OUT as illustrated in Figure 25. For the same
reason, R
2 should be connected to the negative
side of the load.
Figure 21. Current Source
Figure 22. Typical Adjustable Regulator
LOAD
ADJ
SPX1117
V
IN
C
1
OUT
IN
4.7µF
C
2
I
OUT
R
1
V
REF
R
1
I
OUT =
+
V
OUT
IN
OUT
I ADJ
SPX1117
C1
R
1
R
2
VOUT
VIN
C
2
V
OUT =V REF (1+R 2 /R1) +I ADJ R 2
V
REF
50µA
ADJ
4.7µF +
APPLICATION INFORMATION: Continued
PC BOARD
TOPSIDE COPPER
BACKSIDE COPPER
THERMAL RESISTANCE
JUNC. TO AMB.
mm2
mm2
mm2
°C/W
2500
2500
2500
46
2500
1250
2500
47
2500
950
2500
49
2500
2500
0
51
2500
1800
0
53
1600
600
1600
55
2500
1250
0
58
2500
915
0
59
1600
600
0
67
900
240
900
72
900
240
0
85
TABLE 1


Similar Part No. - SPX1117HM3-L-3-0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1117M3 SIPEX-SPX1117M3 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
SPX1117M3 SIPEX-SPX1117M3 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117HM3-L-3-0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com