Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117M3-L-1-8 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1117M3-L-1-8
Description  800mA Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117M3-L-1-8 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1117M3-L-1-8 Datasheet HTML 1Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 2Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 3Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 4Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 5Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 6Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 7Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 8Page - Sipex Corporation SPX1117M3-L-1-8 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Apr 20-07 Rev B
SPX1117 800mA Low Dropout Voltage Regulator
© 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Load Regulation for SPX1117M3-3.3;
Figure 2. Line Regulation for SPX1117M3-3.3;
VIN=4.8V
IOUT=10mA
Figure 3. Dropout Voltage vs Output Current for
SPX1117M3-3.3; V
IN=4.8V, COUT=2.2µF
Figure 5. Current Limit for SPX1117M3-3.3, Output
Voltage Deviation with IOUT=10mA to 1A Step
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
10
100
1000
Output Current (mA)
3.300
3.305
3.310
3.315
3.320
3.325
4.5
6.5
8.5
10.5
12.5
14.5
Vin (V)
0.9
1.0
1.1
1.2
1.3
100
200
300
400
500
600
700
800
900
1000
Io (mA)
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
1.25v Adj
125°C
22µF
Indicating Current
Limit Starts
V
IN
= 4.0V
V
IN
=3.3V Fixed
1
O
=10mA
C
IN
=1µF Tan Cap
C
OUT
=2.2µF Tan Cap
100
0
-100
1.5
1.0
0.5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Time (ms)
0.00
0.50
1.00
1.50
2.00
-50
-25
0
25
50
75
100
125
Temp (
oC)
Figure 6. VOUT vs Temperature, VIN=2.5V, IOUT=10mA
Figure 4. Current Limit for SP1117M3-3.3; VIN=4.8V,
CIN=COUT=1
µF, IOUT pulsed from 10mA to Current
Limit


Similar Part No. - SPX1117M3-L-1-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX1117M3-L-1-8 EXAR-SPX1117M3-L-1-8 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-1-8/TR EXAR-SPX1117M3-L-1-8/TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1117M3-L-1-8

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com