Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA5491H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA5491H
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5491H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA5491H Datasheet HTML 5Page - NXP Semiconductors SAA5491H Datasheet HTML 6Page - NXP Semiconductors SAA5491H Datasheet HTML 7Page - NXP Semiconductors SAA5491H Datasheet HTML 8Page - NXP Semiconductors SAA5491H Datasheet HTML 9Page - NXP Semiconductors SAA5491H Datasheet HTML 10Page - NXP Semiconductors SAA5491H Datasheet HTML 11Page - NXP Semiconductors SAA5491H Datasheet HTML 12Page - NXP Semiconductors SAA5491H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
February 1995
9
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
Digital outputs
R, G AND B (note 1)
VOL
LOW level output voltage
IOL = 2 mA
0
0.2
V
VOH
HIGH level output voltage
IOH = −2mA
VRGBREF
− 0.3
VRGBREF
VRGBREF
+ 0.4
V
|ZO|
output impedance
−−
150
CL
load capacitance
−−
50
pF
IO
DC output current
−−
−4mA
tr
output rise time
between 10% and 90%;
CL =50pF
−−
20
ns
tf
output fall time
between 90% and 10%;
CL =50pF
−−
20
ns
COR (OPEN-DRAIN OUTPUT)
VOH
HIGH level pull-up output
voltage
−−
VDD
V
VOL
LOW level output voltage
IOL = 2 mA
0
0.5
V
IOL
LOW level output current
−−
2mA
CL
load capacitance
−−
25
pF
VDS
VOL
LOW level output voltage
IOL = 1.6 mA
0
0.2
V
VOH
HIGH level output voltage
IOH = −1.6 mA
VDD − 0.3
VDD + 0.4
V
CL
load capacitance
−−
50
pF
tr
output rise time
between 10% and 90%;
CL =50pF
−−
20
ns
tf
output fall time
between 90% and 10%;
CL =50pF
−−
20
ns
R, G, B AND VDS
tskew
skew delay between any two
pins
−−
20
ns
FRAME
VOH
HIGH level output voltage
IOL = 8 mA
0
0.5
V
VOL
LOW level output voltage
IOL = −8mA
VDD − 0.5
VDD
V
IOL
LOW level output current
−8
+8
mA
CL
load capacitance
−−
100
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA5491H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5491H PHILIPS-SAA5491H Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
More results

Similar Description - SAA5491H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com