Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA5497PS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA5497PS
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5497PS Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA5497PS Datasheet HTML 1Page - NXP Semiconductors SAA5497PS Datasheet HTML 2Page - NXP Semiconductors SAA5497PS Datasheet HTML 3Page - NXP Semiconductors SAA5497PS Datasheet HTML 4Page - NXP Semiconductors SAA5497PS Datasheet HTML 5Page - NXP Semiconductors SAA5497PS Datasheet HTML 6Page - NXP Semiconductors SAA5497PS Datasheet HTML 7Page - NXP Semiconductors SAA5497PS Datasheet HTML 8Page - NXP Semiconductors SAA5497PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
February 1995
5
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
VSYNC
37
Vertical sync dedicated input for a TTL-level version of the vertical sync pulse. The
polarity of this pulse is programmable by register bit TXT1.V POLARITY.
VDDA
38
+5 V analog power supply.
VDDT
39
+5 V teletext power supply.
OSCGND
40
Crystal oscillator ground.
OSCIN
41
12 MHz crystal oscillator input.
OSCOUT
42
12 MHz crystal oscillator output.
RESET
43
If the reset input is HIGH for 2 machine cycles (24 oscillator periods) while the oscillator
is running, the SAA5290 is reset. This pin should be connected to VDDM via a 2.2 µF
capacitor.
VDDM
44
+5 V microcontroller power supply.
P1.0/INT1
45
PORT 1: 8-bit open-drain bidirectional port with alternative functions. P1.0/INT1 is
external interrupt 1 which can be triggered on the rising and falling edge of the pulse.
P1.1/T0 is the counter/timer 0. P1.2/INT0 is external interrupt 0. P1.3/T1 is the
counter/timer 1. P1.6/SCL is the serial clock input for I2C-bus. P1.7/SDA is the serial
data port for the I2C-bus.
P1.1/T0
46
P1.2/INT0
47
P1.3/T1
48
P1.6/SCL
49
P1.7/SDA
50
P1.4
51
P1.5
52
SYMBOL
PIN
DESCRIPTION


Similar Part No. - SAA5497PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5497PS PHILIPS-SAA5497PS Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
More results

Similar Description - SAA5497PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com