Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7130 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7130
Description  PCI video broadcast decoder
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7130 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7130 Datasheet HTML 6Page - NXP Semiconductors SAA7130 Datasheet HTML 7Page - NXP Semiconductors SAA7130 Datasheet HTML 8Page - NXP Semiconductors SAA7130 Datasheet HTML 9Page - NXP Semiconductors SAA7130 Datasheet HTML 10Page - NXP Semiconductors SAA7130 Datasheet HTML 11Page - NXP Semiconductors SAA7130 Datasheet HTML 12Page - NXP Semiconductors SAA7130 Datasheet HTML 13Page - NXP Semiconductors SAA7130 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
2002 Apr 23
10
Philips Semiconductors
Product specification
PCI video broadcast decoder
SAA7130HL
6.2
Pins grouped by function
Table 2
Power supply pins
Table 3
PCI interface pins; note 1
SYMBOL
PIN
TYPE
DESCRIPTION
VSSA
97, 108, 113
and 119
AG
analog ground for integrated analog signal processing
VDDA
95, 110
and 115
AS
analog supply voltage for integrated analog signal processing
VSSD
20, 39, 55,
64, 74, 93
and 128
VG
digital ground for digital circuit, core and I/Os
VDDD
1, 19, 38, 54,
65, 73
and 92
VS
digital supply voltage for digital circuit, core and I/Os
SYMBOL
PIN
TYPE
DESCRIPTION
PCI_CLK
40
PI
PCI clock input: reference for all bus transactions, up to 33.33 MHz
PCI_RST#
127
PI
PCI reset input: will 3-state all PCI pins (active LOW)
AD31 to AD0
4 to 11,
14 to 18,
21 to 23,
34 to 37,
41 to 44 and
46 to 53
PIO and
T/S
multiplexed address and data input or output: bi-directional, 3-state
CBE3# to
CBE0#
12, 24, 33
and 45
PIO and
T/S
command code input or output: indicates type of requested transaction and
byte enable, for byte aligned transactions (active LOW)
PAR
32
PIO and
T/S
parity input or output: driven by the data source, even parity over all pins AD
and CBE#
FRAME#
25
PIO and
S/T/S
frame input or output: driven by the current bus master (owner), to indicate
the beginning and duration of a bus transaction (active LOW)
TRDY#
27
PIO and
S/T/S
target ready input or output: driven by the addressed target, to indicate
readiness for requested transaction (active LOW)
IRDY#
26
PIO and
S/T/S
initiator ready input or output: driven by the initiator, to indicate readiness to
continue transaction (active LOW)
STOP#
29
PIO and
S/T/S
stop input or output: target is requesting the master to stop the current
transaction (active LOW)
IDSEL
13
PI
initialization device select input: this input is used to select the SAA7130HL
during configuration read and write transactions
DEVSEL#
28
PIO and
S/T/S
device select input or output: driven by the target device, to acknowledge
address decoding (active LOW)
REQ#
3
PO
PCI request output: the SAA7130HL requests master access to PCI-bus
(active LOW)
GNT#
2
PI
PCI grant input: the SAA7130HL is granted to master access PCI-bus
(active LOW)


Similar Part No. - SAA7130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7131 PHILIPS-SAA7131 Datasheet
5Mb / 94P
   FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
SAA7131A PHILIPS-SAA7131A Datasheet
5Mb / 94P
   FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
   PCI audio and video broadcast decoder
2003 Feb 04
SAA7134 PHILIPS-SAA7134 Datasheet
211Kb / 52P
   PCI audio and video broadcast decoder
2002 Dec 17
More results

Similar Description - SAA7130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7134HL PHILIPS-SAA7134HL Datasheet
211Kb / 52P
   PCI audio and video broadcast decoder
2002 Dec 17
SAA7133HL PHILIPS-SAA7133HL Datasheet
227Kb / 52P
   PCI audio and video broadcast decoder
2003 Feb 04
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
   PCI Express Broadcast Audio/Video
CX23888 CONEXANT-CX23888 Datasheet
208Kb / 2P
   PCI Express Broadcast Audio/Video
CX23880 CONEXANT-CX23880 Datasheet
760Kb / 8P
   PCl Audio/Video Broadcast Decoder
CX25843 CONEXANT-CX25843 Datasheet
260Kb / 4P
   Single-Chip Broadcast Audio/Video Decoder
logo
List of Unclassifed Man...
BT878 ETC-BT878 Datasheet
8Mb / 158P
   Single-Chip Video and Broadcast Audio Capture for the PCI Bus
logo
General Cable Technolog...
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
   Audio/Video & Broadcast Cable
logo
NXP Semiconductors
SAA3500H PHILIPS-SAA3500H Datasheet
156Kb / 32P
   Digital audio broadcast channel decoder
2000 Jun 14
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com