Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25671A5287A375 Datasheet(PDF) 6 Page - EPCOS

Part # B25671A5287A375
Description  PoleCap Capacitors for Power Factor Correction (Outdoor usage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25671A5287A375 Datasheet(HTML) 6 Page - EPCOS

  B25671A5287A375 Datasheet HTML 1Page - EPCOS B25671A5287A375 Datasheet HTML 2Page - EPCOS B25671A5287A375 Datasheet HTML 3Page - EPCOS B25671A5287A375 Datasheet HTML 4Page - EPCOS B25671A5287A375 Datasheet HTML 5Page - EPCOS B25671A5287A375 Datasheet HTML 6Page - EPCOS B25671A5287A375 Datasheet HTML 7Page - EPCOS B25671A5287A375 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Power Capacitors
B25671A5287A375
Power Factor Correction
MKK525-D-25-P
Do not use HRC fuses to switch capacitors (risk of arcing).
Use thermal magnetic overcurrent relays for overload protection.
Resonance cases
Resonance cases must be avoided by appropriate application design in any case. Maximum total
RMS capacitor current (incl. fundamental harmonic current) specified in technical data must not be
exceeded.
Overtemperature
Exceeding maximum allowed temperature may set the safety device out of operation.
Overpressure Disconnector
To ensure full functionality of an overpressure disconnector, the following must be observed:
1. The elastic elements must not be hindered, i.e.
- connecting lines must be flexible leads (cables),
- there must be sufficient space (min. 5 cm) for expansion above the connections (see
“Clearing distance for overpressure disconnector”).
- folding beads must not be retained by clamps.
2. Maximum allowed fault current of 10000 A in accordance with UL 810 standard must be assured by
the application.
3. Stress parameters of the capacitor must be within the IEC60831 specification.
Re-switching vs. phase-opposition
In case of voltage interruption, a sufficient discharge time has to be ensured to avoid phase-
opposition and resulting high inrush currents.
Vibration resistance
The resistance to vibration of capacitors corresponds to IEC 68, part 2–6.
Max. test conditions:
Test duration
2 h
Frequency range 1
0 ... 55 Hz corresponding
to max. 0.7 g
Displacement amplitude
0.75 mm
These figures apply to the capacitor alone. Because the fixing and the terminals may influence the
vibration properties, it is necessary to check stability when a capacitor is built in and exposed to
vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude
reaches the maximum in strongly vibrating equipment.
Mechanical protection
The PoleCap capacitor has to be installed in a way that mechanical damages and dents in the
aluminum can are avoided.
FK PFC R&D
2005-06-03
Please read the important notes,
Page
6 of 8
cautions and warnings.


Similar Part No. - B25671A5287A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5287A375 EPCOS-B25671A5287A375 Datasheet
116Kb / 8P
   Film Capacitors - Powe Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A5287A375 TDK-B25671A5287A375 Datasheet
127Kb / 8P
   Film Capacitors ??Power Factor Correction
logo
EPCOS
B25671A5287A375 EPCOS-B25671A5287A375_09 Datasheet
116Kb / 8P
   Film Capacitors - Powe Factor Correction PoleCap capacitor
More results

Similar Description - B25671A5287A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A4237A365 EPCOS-B25671A4237A365 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4826A375 EPCOS-B25671A4826A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4207A375 EPCOS-B25671A4207A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5197A375 EPCOS-B25671A5197A375 Datasheet
325Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4127A375 EPCOS-B25671A4127A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4247A375 EPCOS-B25671A4247A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4417A375 EPCOS-B25671A4417A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5177A375 EPCOS-B25671A5177A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5247A375 EPCOS-B25671A5247A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5347A375 EPCOS-B25671A5347A375 Datasheet
323Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com