Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7140A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7140A
Description  High Performance Scaler HPS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7140A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7140A Datasheet HTML 7Page - NXP Semiconductors SAA7140A Datasheet HTML 8Page - NXP Semiconductors SAA7140A Datasheet HTML 9Page - NXP Semiconductors SAA7140A Datasheet HTML 10Page - NXP Semiconductors SAA7140A Datasheet HTML 11Page - NXP Semiconductors SAA7140A Datasheet HTML 12Page - NXP Semiconductors SAA7140A Datasheet HTML 13Page - NXP Semiconductors SAA7140A Datasheet HTML 14Page - NXP Semiconductors SAA7140A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
1996 Sep 04
11
Philips Semiconductors
Objective specification
High Performance Scaler (HPS)
SAA7140A; SAA7140B
6
PINNING (SAA7140B)
SYMBOL
PIN
I/O
DESCRIPTION
LLCIN
1
I
line-locked system clock input; expansion port
VDDD1
2
digital supply voltage 1 (+3.3 V)
VSSD1
3
digital ground 1 (0 V)
VDDD2
4
digital supply voltage 2 (+3.3 V)
LLC
5
I
line-locked system clock input, maximum 32 MHz (2
× pixel rate); DMSD port
CREF
6
I
clock qualifier input (HIGH indicates valid input data YUV on DMSD port)
HREF
7
I
horizontal reference input signal; DMSD port
VS
8
I
vertical sync input signal; DMSD port
VDDD3
9
digital supply voltage 3 (+3.3 V)
VSSD2
10
digital ground 2 (0 V)
YIN0
11
I
luminance input data (bit 0); DMSD port
YIN1
12
I
luminance input data (bit 1); DMSD port
YIN2
13
I
luminance input data (bit 2); DMSD port
YIN3
14
I
luminance input data (bit 3); DMSD port
YIN4
15
I
luminance input data (bit 4); DMSD port
YIN5
16
I
luminance input data (bit 5); DMSD port
YIN6
17
I
luminance input data (bit 6); DMSD port
YIN7
18
I
luminance input data (bit 7); DMSD port
VDDD4
19
digital supply voltage 4 (+3.3 V)
VSSD3
20
digital ground 3 (0 V)
UVIN0
21
I
time-multiplexed colour-difference input data (bit 0); DMSD port
UVIN1
22
I
time-multiplexed colour-difference input data (bit 1); DMSD port
UVIN2
23
I
time-multiplexed colour-difference input data (bit 2); DMSD port
UVIN3
24
I
time-multiplexed colour-difference input data (bit 3); DMSD port
UVIN4
25
I
time-multiplexed colour-difference input data (bit 4); DMSD port
UVIN5
26
I
time-multiplexed colour-difference input data (bit 5); DMSD port
UVIN6
27
I
time-multiplexed colour-difference input data (bit 6); DMSD port
UVIN7
28
I
time-multiplexed colour-difference input data (bit 7); DMSD port
VDDD5
29
digital supply voltage 5 (+3.3 V)
VSSD4
30
digital ground 4 (0 V)
SDA
31
I/O
serial data input/output (I2C-bus)
SCL
32
I
serial clock input (I2C-bus)
IICSA
33
I
set address input (I2C-bus)
VDDD6
34
digital supply voltage 6 (+3.3 V)
VSSD5
35
digital ground 5 (0 V)
VDDD7
36
digital supply voltage 7 (+3.3 V)
VSSD6
37
digital ground 6 (0 V)
PORT3
38
I/O
general purpose port 3 input/output (set via I2C-bus)
PORT2
39
I/O
general purpose port 2 input/output (set via I2C-bus)
PORT1
40
I/O
general purpose port 1 input/output (set via I2C-bus)


Similar Part No. - SAA7140A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AH PHILIPS-SAA7146AH Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results

Similar Description - SAA7140A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
logo
List of Unclassifed Man...
RSS50-150 ETC2-RSS50-150 Datasheet
361Kb / 1P
   HPS Rapid Restrike
logo
NXP Semiconductors
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
   Digital video scaler
May 1993
logo
Zoran Corporation
SCALER-1 ZORAN-SCALER-1 Datasheet
134Kb / 1P
   Video Scaler IP Core
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
List of Unclassifed Man...
ELC-10PR ETC1-ELC-10PR Datasheet
97Kb / 2P
   HIGH-DENSITY SIGNAL CONDITIONERS 10-PACK PULSE SCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com