Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7146AH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7146AH
Description  Multimedia bridge, high performance Scaler and PCI circuit SPCI
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7146AH Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7146AH Datasheet HTML 1Page - NXP Semiconductors SAA7146AH Datasheet HTML 2Page - NXP Semiconductors SAA7146AH Datasheet HTML 3Page - NXP Semiconductors SAA7146AH Datasheet HTML 4Page - NXP Semiconductors SAA7146AH Datasheet HTML 5Page - NXP Semiconductors SAA7146AH Datasheet HTML 6Page - NXP Semiconductors SAA7146AH Datasheet HTML 7Page - NXP Semiconductors SAA7146AH Datasheet HTML 8Page - NXP Semiconductors SAA7146AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 144 page
background image
1998 Apr 09
4
Philips Semiconductors
Product specification
Multimedia bridge, high performance
Scaler and PCI circuit (SPCI)
SAA7146A
1.5
General
• Subsystem (board) vendor ID support for board
identification via software driver
• Internal arbitration control
• Diagnostic support and event analysis
• Programmable Vertical Blanking Interval (VBI) data
region for e.g. to support INTERCAST, teletext, closed
caption and similar applications
• 3.3 V supply enables reduced power consumption, 5 V
tolerant I/Os for 5 V PCI signalling environment.
2
GENERAL DESCRIPTION
The SAA7146A, Multimedia PCI-bridge, is a highly
integrated circuit for DeskTop Video (DTV) applications.
The device provides a number of interface ports that
enable a wide variety of video and audio ICs to be
connected to the PCI-bus thus supporting a number of
video applications in a PC. One example of the application
capabilities is shown in Fig.49.
Figure 1 shows the various interface ports and the main
internal function blocks.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDDD(tot)
total digital supply current
400
mA
Vi;Vo
data input/output levels
TTL compatible
fLLC
LLC input clock frequency
−−
32
MHz
fPCI
PCI input clock frequency
−−
33
MHz
fI2S
I2S input clock frequency
−−
12.5
MHz
Tamb
operating ambient temperature
0
70
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7146AH
QFP160
plastic quad flat package; 160 leads (lead length 1.95 mm);
body 28
× 28 × 3.4 mm; high stand-off height
SOT322-1
SAA7146AHZ
SQFP208
plastic shrink quad flat package; 208 leads (lead length 1.3 mm);
body 28
× 28 × 3.4 mm
SOT316-1


Similar Part No. - SAA7146AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results

Similar Description - SAA7146AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
logo
SMSC Corporation
LAN9132 SMSC-LAN9132 Datasheet
391Kb / 2P
   High-Performance Network Multimedia Processing Engine, supporting a PCI based interface and featuring RipStream Technology
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Zoran Corporation
ZR36057 ZORAN-ZR36057 Datasheet
619Kb / 48P
   ENHANCED PCI BUS MULTIMEDIA CONTROLLER
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com