Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C066G102G2CG5CR Datasheet(PDF) 9 Page - Kemet Corporation

Part # C066G102G2CG5CR
Description  CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C066G102G2CG5CR Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C066G102G2CG5CR Datasheet HTML 5Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 6Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 7Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 8Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 9Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 10Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 11Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 12Page - Kemet Corporation C066G102G2CG5CR Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
7
Lead Dia.
.025
(+.004
-.002)
W
.026
MIN.
H
L
S
W
.045
MAX.
1.25
MIN.
L
S
W
H
1.25
MIN.
L
S
W
Center Line of leads within .030" of Center Line of case.
H
1.25
MIN.
S
.026
MIN.
L
C052 (CC05, CCR05)
C056 (CCR05)
C062 (CC06, CCR06), C512 (CC07, CCR07),
C522 (CC08, CCR08)
C066 (CCR06)
Lead Dia.
.025
(+.004
-.002)
Lead Dia.
.025
(+.004
-.002)
Lead Dia.
.025
(+.004
-.002)
1.25
MIN.
DIMENSIONS — INCHES & (MILLIMETERS)
CASE
MILITARY
SIZE
EQUIVALENT STYLES
LD
C
C114
CC75, CCR75
.160 ± .010 (4.06 ± .25)
.090 ± .010 (2.29 ± .25)
.020, +.000, -.003 (.51, +.00, -.08)
C124
CC76, CCR76
.250 ± .010 (6.35 ± .25)
.090 ± .010 (2.29 ± .25)
.020, +.000, -.003 (.51, +.00, -.08)
C192
CC77, CCR77
.390 ± .010 (9.91 ± .25)
.140 ± .010 (3.56 ± .25)
.025, +.002, -.002 (.64, +.05, -.05)
C202
CC78, CCR78
.500 ± .020 (12.70 ± .51)
.250 ± .015 (6.35 ± .38)
.025, +.002, -.002 (.64, +.05, -.05)
C222
CC79, CCR79
.690 ± .030 (17.53 ± .76)
.350 ± .020 (8.89 ± .51)
.025, +.002, -.002 (.64, +.05, -.05)
D
L
C
1.50 Min.
(38.10)
1.50 Min.
(38.10)
CAPACITOR OUTLINE DRAWINGS (AXIAL LEADS)
CAPACITOR OUTLINE DRAWINGS (RADIAL LEADS)
DIMENSIONS — INCHES & (MILLIMETERS)
MILITARY
S
CASE
EQUIVALENT
H
W
LEAD
SIZE
STYLES
HEIGHT
LENGTH
WIDTH
SPACING
CC05, CCR05
.190 ± .010 (4.83 ± .25)
.190 ± .010 (4.83 ± .25)
.090 ± .010 (2.29 ± .25)
.200 ± .015 (5.08 ± .38)
CC06, CCR06
.290 ± .010 (7.37 ± .25)
.290 ± .010 (7.37 ± .25)
.090 ± .010 (2.29 ±
. 25)
.200 ± .015 (5.08 ± .38)
C512
CC07, CCR07
.480 ± .020 (12.19 ± .51)
.480 ± .020 (12.19 ± .51)
.140 ±
. 010 (3.56 ± .25)*
.400 ± .020 (10.16 ± .51)
C522
CC08, CCR08
.480 ± .020 (12.19 ± .51)
.480 ± .020 (12.19 ± .51)
.240 ± .010 (6.10 ± .25)
.400 ± .020 (10.16 ± .51)
C052/
C056
C062/
C066
* 0.200 (5.08) maximum for 100,000 pF only.
* Leads are .625 minimum when tape and reel packaged
L
CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20


Similar Part No. - C066G102G2CG5CR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C066G102G2CH5CA KEMET-C066G102G2CH5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C066G102G2CH5CM KEMET-C066G102G2CH5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C066G102G2CH5CP KEMET-C066G102G2CH5CP Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C066G102G2CJ5CA KEMET-C066G102G2CJ5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C066G102G2CJ5CM KEMET-C066G102G2CJ5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C066G102G2CG5CR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322A104K035AT KEMET-T322A104K035AT Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
AVX Corporation
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com