Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C114G102G2CG5CR Datasheet(PDF) 3 Page - Kemet Corporation

Part # C114G102G2CG5CR
Description  CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C114G102G2CG5CR Datasheet(HTML) 3 Page - Kemet Corporation

  C114G102G2CG5CR Datasheet HTML 1Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 2Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 3Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 4Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 5Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 6Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 7Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 8Page - Kemet Corporation C114G102G2CG5CR Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
1
ELECTRICAL CHARACTERISTICS
The fundamental electrical properties of multilayer
ceramic capacitors are as follows:
Polarity: Multilayer ceramic capacitors are not polar,
and may be used with DC voltage applied in either direction.
Rated Voltage: This term refers to the maximum con-
tinuous DC working voltage permissible across the entire
operating temperature range. Multilayer ceramic capacitors
are not extremely sensitive to voltage, and brief applications
of voltage above rated will not result in immediate failure.
However, reliability will be reduced by exposure to sustained
voltages above rated.
Capacitance: The standard unit of capacitance is the
farad. For practical capacitors, it is usually expressed in
microfarads (10-6 farad), nanofarads (10-9 farad), or picofarads
(10-12 farad). Standard measurement conditions are as
follows:
Class I (up to 1,000 pF):
1MHz and 1.2 VRMS
maximum.
Class I (over 1,000 pF):
1kHz and 1.2 VRMS
maximum.
Class II:
1 kHz and 1.0
0.2 VRMS.
Class III:
1 kHz and 0.5
0.1 VRMS.
Like all other practical capacitors, multilayer ceramic
capacitors also have resistance and inductance. A simplified
schematic for the equivalent circuit is shown in Figure 1.
Other significant electrical characteristics resulting from
these additional properties are as follows:
Impedance: Since the parallel resistance (Rp) is nor-
mally very high, the total impedance of the capacitor is:
Figure 1
C = Capacitance
L = Inductance
R
S
= Equivalent Series Resistance (ESR)
R
P
= Insulation Resistance (IR)
R
P
R
S
C
L
Z =
Where
Z = Total Impedance
RS = Equivalent Series Resistance
X
C = Capacitive Reactance = 2
πfC
X
L = Inductive Reactance = 2πfL
1
R
S + (XC - XL)
22
DF = ESR
Xc
Xc
2
πfC
1
=
Figure 2
δ
Ζ
O
X
c
ESR
The variation of a capacitor’s impedance with frequency
determines its effectiveness in many applications.
Dissipation Factor: Dissipation Factor (DF) is a mea-
sure of the losses in a capacitor under AC application. It is the
ratio of the equivalent series resistance to the capacitive reac-
tance, and is usually expressed in percent. It is usually mea-
sured simultaneously with capacitance, and under the same
conditions. The vector diagram in Figure 2 illustrates the rela-
tionship between DF, ESR, and impedance. The reciprocal of
the dissipation factor is called the “Q”, or quality factor. For
convenience, the “Q” factor is often used for very low values
of dissipation factor. DF is sometimes called the “loss tangent”
or “tangent ”, as derived from this diagram.
Insulation Resistance: Insulation Resistance (IR) is the
DC resistance measured across the terminals of a capacitor,
represented by the parallel resistance (Rp) shown in Figure 1.
For a given dielectric type, electrode area increases with
capacitance, resulting in a decrease in the insulation resis-
tance. Consequently, insulation resistance is usually specified
as the “RC” (IR x C) product, in terms of ohm-farads or
megohm-microfarads. The insulation resistance for a specific
capacitance value is determined by dividing this product by
the capacitance. However, as the nominal capacitance values
become small, the insulation resistance calculated from the
RC
product
reaches
values
which
are
impractical.
Consequently, IR specifications usually include both a mini-
mum RC product and a maximum limit on the IR calculated
from that value. For example, a typical IR specification might
read “1,000 megohm-microfarads or 100 gigohms, whichever
is less.”
Insulation Resistance is the measure of a capacitor to
resist the flow of DC leakage current. It is sometimes referred
to as “leakage resistance.” The DC leakage current may be
calculated by dividing the applied voltage by the insulation
resistance (Ohm’s Law).
Dielectric Withstanding Voltage: Dielectric withstand-
ing voltage (DWV) is the peak voltage which a capacitor is
designed to withstand for short periods of time without dam-
age. All KEMET multilayer ceramic capacitors will withstand a
test voltage of 2.5 x the rated voltage for 60 seconds.
KEMET specification limits for these characteristics at
standard measurement conditions are shown on page 2.
Variations in these properties caused by changing conditions
of temperature, voltage, frequency, and time are covered in
the following sections.
APPLICATION NOTES FOR MULTILAYER CERAMIC CAPACITORS


Similar Part No. - C114G102G2CG5CR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C114G102G2CH5CA KEMET-C114G102G2CH5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102G2CH5CM KEMET-C114G102G2CH5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102G2CH5CP KEMET-C114G102G2CH5CP Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102G2CJ5CA KEMET-C114G102G2CJ5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C114G102G2CJ5CM KEMET-C114G102G2CJ5CM Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C114G102G2CG5CR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322A104K035AT KEMET-T322A104K035AT Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
AVX Corporation
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com