Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR05BP129BDUR Datasheet(PDF) 1 Page - Kemet Corporation

Part # CDR05BP129BDUR
Description  CERAMIC CHIP/MIL-PRF-55681
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR05BP129BDUR Datasheet(HTML) 1 Page - Kemet Corporation

  CDR05BP129BDUR Datasheet HTML 1Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 2Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 3Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 4Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 5Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 6Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 7Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 8Page - Kemet Corporation CDR05BP129BDUR Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
KEMET
SIZE
T
STYLE
CODE
L
W
MIN.
MAX.
BW
CDR01
C0805
2.03 ±.38 (.080 ±.015)
1.27 ±.38 (.050 ±.015)
.56 (.022)
1.40 (.055)
.51 ± 0.25 (.020 ±.010)
CDR02
C1805
4.57 ±.38 (.180 ±.015)
1.27 ±.38 (.050 ±.015)
.56 (.022)
1.40 (.055)
.51 ± 0.25 (.020 ±.010)
CDR03
C1808
4.57 ±.38 (.180 ±.015)
2.03 ±.38 (.080 ±.015)
.56 (.022)
2.03 (.080)
.51 ± 0.25 (.020 ±.010)
CDR04
C1812
4.57 ±.38 (.180 ±.015)
3.18 ±.38 (.125 ±.015)
.56 (.022)
2.03 (.080)
.51 ± 0.25 (.020 ±.010)
+.51
+.020
+.51
+.020
CDR05
C1825
4.57
.180
6.35
.250
.51 (.020)
2.03 (.080)
.51 ± 0.25 (.020 ±.010)
–.38
–.015
–.38
–.015
CDR06
C2225
5.72 ±.51 (.225 ±.020)
6.35 ±.51 (.250 ±.020)
.51 (.020)
2.03 (.080)
.51 ± 0.25 (.020 ±.010)
CDR31
C0805
2.00 ±.20 (.078 ±.008)
1.25 ±.20 (.049 ±.008)
1.30 (.051)
.50 ± 0.20 (.020 ±.008)
CDR32
C1206
3.20 ±.20 (.125 ±.008)
1.60 ±.20 (.062 ±.008)
1.30 (.051)
.50 ± 0.20 (.020 ±.008)
CDR33
C1210
3.20 ±.25 (.125 ±.010)
2.50 ±.25 (.098 ±.010)
1.50 (.059)
.50 ± 0.25 (.020 ±.010)
CDR34
C1812
4.50 ±.25 (.176 ±.010)
3.20 ±.25 (.125 ±.010)
1.50 (.059)
.50 ± 0.25 (.020 ±.010)
CDR35
C1825
4.50 ±.30 (.176 ±.012)
6.40 ±.30 (.250 ±.012)
1.50 (.059)
.50 ± 0.30 (.020 ±.012)
()
CERAMIC CHIP/MIL-PRF-55681
CERAMIC
SIZE CODE
See Table Above
SPECIFICATION
P -MIL-PRF-55681 = CDR01-CDR06
N-MIL-PRF-55681 = CDR31-CDR35
CAPACITANCE CODE
Expressed in picofarads (pF).
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 thru 9.9 pF. Example: 2.2 pF –229)
CAPACITANCE TOLERANCE
BC
D
F
J
K
M
±
.1 pF ±.25 pF ±.5 pF ±1%
±
5% ±10% ±20%
FAILURE RATE LEVEL (%/1000 hrs.)
M — 1.0
R — 0.01
P — 0.1
S — 0.001
TERMINATION FINISH
S — Solder Coated, Final
W — Base Metalization—
(SolderGuard I)
Barrier Metal—Tinned
U — Base Metalization—
Tin or (Tin/Lead Alloy)
Barrier Metal—Solder
SolderGuard II
Coated (SolderGuard I)
Y — Base Metalization
Barrier Metal—Tinned
(100% Tin) Solderguard II
CAPACITANCE TOLERANCE
BC
D
F
J
K
M
±.1 pF ±.25 pF ±.5 pF
±1%
±5%
±10%
±20%
RATED VOLTAGE
A — 50; B — 100
END METALIZATION
C — SolderGuard II
(100% Sn) (Military equiv: Y, W)
H — SolderGuard I
(Sn60) (Military equiv: S, U)
FAILURE RATE (%/1,000 hrs.)
M — 1.0
R — 0.01
P — 0.1
S — 0.001
VOLTAGE TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G — BP (C0G/NP0) (±30 PPM/°C)
X — BX (±15% Without Voltage
+15% -25% With Voltage)
VOLTAGE
1 — 100V, 5 — 50V
MIL-PRF-55681 PART NUMBER ORDERING INFORMATION
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS—MILLIMETERS AND (INCHES)
Note: For Solderguard I (MIL-C55681 “S” or “U” Endmets), the length, width and thickness positive tolerances (including bandwidth) cited above are allowed to increase by the following
amounts:
Length
Width/Thickness
CDR01
0.51MM (.020)
0.38MM (.015)
CDR02-06
0.64MM (.025)
0.38MM (.015)
CDR31-35
0.60MM (.023)
0.30MM (.012)
()
CDR01
B
P
101
B K
S M
STYLE & SIZE CODE
STYLE
C — Ceramic
D — Dielectric, Fixed Chip
R — Established Reliability
RATED TEMPERATURE
–55°C to +125°C
DIELECTRICS
P —± 30 PPM/°C—WITH OR WITHOUT VOLTAGE
X —± 15%—without voltage
+ 15%, –25%—with voltage
CAPACITANCE
Expressed in picofarads (pF).
First 2 digits represent significant figures and the last digit specifies the number of zeros to follow.
(Use 9 for 1.0 through 9.9pF. Example: 2.2pF = 229)
KEMET/MIL-PRF-55681 PART NUMBER EQUIVALENTS
C 0805
P
101
K
1
G
M
C*
CHIP DIMENSIONS
BW
W
L
T
“SOLDERGUARD I” *
SOLDER
NICKEL
SILVER
METALLIZATION
ELECTRODES
“SOLDERGUARD II”
TINNED
NICKEL
SILVER
METALLIZATION
ELECTRODES
Military Designation - “S” or “U”
KEMET Designation - “H”
Military Designation - “W” or “Y”
KEMET Designation - “C”
* Part Number Example: C0805P101K1GMC
(14 digits - no spaces)
87


Similar Part No. - CDR05BP129BDUR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR05BP392B AVX-CDR05BP392B Datasheet
44Kb / 2P
   Chips
CDR05BP392B AVX-CDR05BP392B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR05BP472B AVX-CDR05BP472B Datasheet
44Kb / 2P
   Chips
CDR05BP472B AVX-CDR05BP472B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR05BP562B AVX-CDR05BP562B Datasheet
44Kb / 2P
   Chips
More results

Similar Description - CDR05BP129BDUR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com