Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4004G-TB Datasheet(PDF) 4 Page - Won-Top Electronics

Part # 1N4004G-TB
Description  1.0A GLASS PASSIVATED STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4004G-TB Datasheet(HTML) 4 Page - Won-Top Electronics

  1N4004G-TB Datasheet HTML 1Page - Won-Top Electronics 1N4004G-TB Datasheet HTML 2Page - Won-Top Electronics 1N4004G-TB Datasheet HTML 3Page - Won-Top Electronics 1N4004G-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1N4001G – 1N4007G
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
1N4001G-T3
DO-41
5000/Tape & Reel
1N4001G-TB
DO-41
5000/Tape & Box
1N4001G
DO-41
1000 Units/Box
1N4002G-T3
DO-41
5000/Tape & Reel
1N4002G-TB
DO-41
5000/Tape & Box
1N4002G
DO-41
1000 Units/Box
1N4003G-T3
DO-41
5000/Tape & Reel
1N4003G-TB
DO-41
5000/Tape & Box
1N4003G
DO-41
1000 Units/Box
1N4004G-T3
DO-41
5000/Tape & Reel
1N4004G-TB
DO-41
5000/Tape & Box
1N4004G
DO-41
1000 Units/Box
1N4005G-T3
DO-41
5000/Tape & Reel
1N4005G-TB
DO-41
5000/Tape & Box
1N4005G
DO-41
1000 Units/Box
1N4006G-T3
DO-41
5000/Tape & Reel
1N4006G-TB
DO-41
5000/Tape & Box
1N4006G
DO-41
1000 Units/Box
1N4007G-T3
DO-41
5000/Tape & Reel
1N4007G-TB
DO-41
5000/Tape & Box
1N4007G
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, 1N4001G-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 1N4004G-TB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4004G-T DIODES-1N4004G-T Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
1N4004G-T DIODES-1N4004G-T Datasheet
95Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
More results

Similar Description - 1N4004G-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S1A WTE-S1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
TAITRON Components Inco...
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com