Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4729A Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 1N4729A
Description  1.0W ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4729A Datasheet(HTML) 3 Page - Won-Top Electronics

  1N4729A Datasheet HTML 1Page - Won-Top Electronics 1N4729A Datasheet HTML 2Page - Won-Top Electronics 1N4729A Datasheet HTML 3Page - Won-Top Electronics 1N4729A Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4728A – 1N4764A
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
5,000
370 x 370 x 420
25,000
13.0
TAPE & BOX
255 x 75 x 150
5,000
400 x 273 x 415
50,000
21.0
BULK
198 x 84 x 20
1,000
459 x 214 x 256
50,000
19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
1N47xxA
= Device Number
xx
= 28, 29, 30…to 64
WTE
= Manufacturer’s Logo
1 N 47 xx A
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
198mm
84mm
20mm


Similar Part No. - 1N4729A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4729A SEMTECH_ELEC-1N4729A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4729A PHILIPS-1N4729A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4729A VISHAY-1N4729A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
List of Unclassifed Man...
1N4729A ETC1-1N4729A Datasheet
16Kb / 1P
   Zener Diodes
logo
Sangdest Microelectroni...
1N4729A SMC-1N4729A Datasheet
170Kb / 5P
   ZENER DIODES
More results

Similar Description - 1N4729A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com