Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4006G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 1N4006G
Description  1.0A GLASS PASSIVATED STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4006G Datasheet(HTML) 2 Page - Won-Top Electronics

  1N4006G Datasheet HTML 1Page - Won-Top Electronics 1N4006G Datasheet HTML 2Page - Won-Top Electronics 1N4006G Datasheet HTML 3Page - Won-Top Electronics 1N4006G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4001G – 1N4007G
2 of 4
© 2006 Won-Top Electronics

40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
j
f = 1MHz
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
40
30
20
0
10
50
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10


Similar Part No. - 1N4006G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4006G GULFSEMI-1N4006G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
NXP Semiconductors
1N4006G PHILIPS-1N4006G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4006G CHENDA-1N4006G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Leshan Radio Company
1N4006G LRC-1N4006G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4006G LRC-1N4006G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Similar Description - 1N4006G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S1A WTE-S1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Zibo Seno Electronic En...
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
TAITRON Components Inco...
TCDT1QW TAITRON-TCDT1QW Datasheet
201Kb / 7P
   1.0A Sintered Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com