Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4935-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 1N4935-T3
Description  1.0A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4935-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  1N4935-T3 Datasheet HTML 1Page - Won-Top Electronics 1N4935-T3 Datasheet HTML 2Page - Won-Top Electronics 1N4935-T3 Datasheet HTML 3Page - Won-Top Electronics 1N4935-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4933 – 1N4937
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
5,000
370 x 370 x 420
25,000
13.0
TAPE & BOX
255 x 75 x 150
5,000
400 x 273 x 415
50,000
21.0
BULK
198 x 84 x 20
1,000
459 x 214 x 256
50,000
19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
1N493x
= Device Number
x
= 3, 4, 5, 6 or 7
WTE
= Manufacturer’s Logo
1N49 3x
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
198mm
84mm
20mm


Similar Part No. - 1N4935-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N4935-T3 WTE-1N4935-T3 Datasheet
47Kb / 3P
   1.0A FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4935-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR101 WTE-FR101_06 Datasheet
55Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
1N4933 ZSELEC-1N4933 Datasheet
132Kb / 2P
   1.0A FAST RECOVERY DIODE
FR101 ZSELEC-FR101 Datasheet
117Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
BA157 WTE-BA157_06 Datasheet
54Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
PR1001 ZSELEC-PR1001 Datasheet
134Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Naina Semiconductor ltd...
BA159 NAINA-BA159 Datasheet
107Kb / 2P
   Fast Recovery Diode, 1.0A
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR1A ZSELEC-FR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com