Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7183 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7183
Description  Digital Video Encoder EURO-DENC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7183 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7183 Datasheet HTML 1Page - NXP Semiconductors SAA7183 Datasheet HTML 2Page - NXP Semiconductors SAA7183 Datasheet HTML 3Page - NXP Semiconductors SAA7183 Datasheet HTML 4Page - NXP Semiconductors SAA7183 Datasheet HTML 5Page - NXP Semiconductors SAA7183 Datasheet HTML 6Page - NXP Semiconductors SAA7183 Datasheet HTML 7Page - NXP Semiconductors SAA7183 Datasheet HTML 8Page - NXP Semiconductors SAA7183 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
1996 Jul 08
4
Philips Semiconductors
Preliminary specification
Digital Video Encoder (EURO-DENC)
SAA7182; SAA7183
PINNING
SYMBOL
PIN
DESCRIPTION
RESET
1
Reset input, active LOW. After reset is applied, all digital I/Os are in input mode.
The I2C-bus receiver waits for the START condition.
n.c.
2
not connected
VSSD1
3
digital ground 1
SA
4
The I2C-bus slave address select pin. LOW: slave address = 88H, HIGH = 8CH.
VDDD1
5
digital supply voltage 1
OVL2
6
3-bit overlay data input. This is the index for the internal look-up table.
OVL1
7
OVL0
8
KEY
9
Key input for OVL. When HIGH it selects OVL input.
DP0
10
Lower 4 bits of the data port. Input for multiplexed Cb, Cr data if 16 line input mode is used.
DP1
11
DP2
12
DP3
13
VDDD2
14
digital supply voltage 2
VSSD2
15
digital ground 2
DP4
16
Upper 4 bits of the data port. Input for multiplexed Cb, Cr data if 16 line input mode is used.
DP5
17
DP6
18
DP7
19
TTXRQ
20
Teletext request output, indicating when the bitstream is valid.
TTX
21
Teletext bitstream input.
VDDD3
22
digital supply voltage 3
n.c.
23
not connected
VSSD3
24
digital ground 3
MP7
25
Upper 4 bits of MPEG port. It is an input for
“CCIR 656” style multiplexed Cb, Y, Cr data, or
input for Y data only, if 16 line input mode is used.
MP6
26
MP5
27
MP4
28
VDDD4
29
digital supply voltage 4
VSSD4
30
digital ground 4
MP3
31
Lower 4 bits of MPEG port. It is an input for
“CCIR 656” style multiplexed Cb, Y, Cr data, or
input for Y data only, if 16 line input mode is used.
MP2
32
MP1
33
MP0
34
RCV1
35
Raster Control 1 for video port. This pin receives/provides a VS/FS/FSEQ signal.
RCV2
36
Raster Control 2 for video port. This pin provides an HS pulse of programmable length or
receives an HS pulse.
RTCI
37
Real Time Control Input. If the LLC clock is provided by an
SAA7111 or SAA7151B, RTCI
should be connected to the RTCO pin of the respective decoder to improve the signal quality.


Similar Part No. - SAA7183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7183A PHILIPS-SAA7183A Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183A PHILIPS-SAA7183A Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183AWP PHILIPS-SAA7183AWP Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183AWP PHILIPS-SAA7183AWP Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
More results

Similar Description - SAA7183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7124 PHILIPS-SAA7124 Datasheet
344Kb / 44P
   Digital Video Encoder ECO-DENC
1996 Nov 07
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
logo
STMicroelectronics
STW8009 STMICROELECTRONICS-STW8009_07 Datasheet
733Kb / 66P
   Mobile video DENC
STW8009 STMICROELECTRONICS-STW8009 Datasheet
569Kb / 55P
   Mobile Video DENC
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com