Electronic Components Datasheet Search |
|
C1206C220FHGAC Datasheet(PDF) 7 Page - Kemet Corporation |
|
C1206C220FHGAC Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 9 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 Embossed Carrier Tape Configuration (cont.) Sketch D: Tape Camber (Top View) Allowable camber to be 1 mm/250 mm. 250mm (9.843) 1mm (0.039) Max. 1mm (0.039) Max. Table 2 – REEL DIMENSIONS (Metric will govern) Figure 3: Reel Dimensions (Metric Dimensions will govern) Tape Size A Max B* Min C D* Min N Min W 1 W 2 Max W 3 8 mm 330.0 1.5 13.0 ± 0.20 20.2 50.0 8.4 14.4 7.9 Min (12.992) (0.059) (0.512 ± 0.008) (0.795) (1.969) +1.5, -0.0 (0.567) (0.311) See (0.331 10.9 Max Note 3 +0.059, -0.0) (0.429) 12 mm 330.0 1.5 13.0 ± 0.20 20.2 Table 1 12.4 18.4 11.9 Min (12.992) (0.059) (0.512 ± 0.008) (0.795) +2.0, -0.0 (0.724) (0.469) (0.488 15.4 Max +0.078, -0.0) (0.606) TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS Packaging Information Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern) 400mm (15.75) Min. 20° 95 |
Similar Part No. - C1206C220FHGAC |
|
Similar Description - C1206C220FHGAC |