Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP180C Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 3KP180C
Description  3000W TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP180C Datasheet(HTML) 1 Page - Won-Top Electronics

  3KP180C Datasheet HTML 1Page - Won-Top Electronics 3KP180C Datasheet HTML 2Page - Won-Top Electronics 3KP180C Datasheet HTML 3Page - Won-Top Electronics 3KP180C Datasheet HTML 4Page - Won-Top Electronics 3KP180C Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3KP180 – 3KP220CA
1 of 5
© 2006 Won-Top Electronics
Pb
3KP180 – 3KP220CA
3000W TRANSIENT VOLTAGE SUPPRESSOR
Features
!
Glass Passivated Die Construction
!
3000W Peak Pulse Power Dissipation
!
180V – 220V Standoff Voltage
A
B
A
!
Uni- and Bi-Directional Versions Available
!
Excellent Clamping Capability
!
Fast Response Time
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
                          
C
D
Mechanical Data
!
Case: P-600, Molded Plastic
!
Terminals: Axial Leads, Solderable per
MIL-STD-750, Method 2026
!
Polarity: Cathode Band Except Bi-Directional
!
Marking: Type Number
!
Weight: 2.10 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 5
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
3000 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
250
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
8.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 20mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C.
5. Peak pulse power waveform is 10/1000µS.
WTE
POWER SEMICONDUCTORS
P-600
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm


Similar Part No. - 3KP180C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
3KP180C FORMOSA-3KP180C Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Socay Electornics Co., ...
3KP180C SOCAY-3KP180C Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP180C SOCAY-3KP180C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Nanjing International G...
3KP180C DGNJDZ-3KP180C Datasheet
77Kb / 3P
   3000 Watt Peak Power
logo
SUNMATE electronic Co.,...
3KP180C SUNMATE-3KP180C Datasheet
914Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - 3KP180C

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
   3000W Transient Voltage Suppressor
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com