Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP8.5 Datasheet(PDF) 6 Page - Won-Top Electronics

Part # 3KP8.5
Description  3000W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP8.5 Datasheet(HTML) 6 Page - Won-Top Electronics

  3KP8.5 Datasheet HTML 1Page - Won-Top Electronics 3KP8.5 Datasheet HTML 2Page - Won-Top Electronics 3KP8.5 Datasheet HTML 3Page - Won-Top Electronics 3KP8.5 Datasheet HTML 4Page - Won-Top Electronics 3KP8.5 Datasheet HTML 5Page - Won-Top Electronics 3KP8.5 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3KP SERIES
6 of 6
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
3KPxx-T3
P-600
800/Tape & Reel
3KPxx
P-600
250 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version, add “-LF” suffix to part number above.
For example, 3KP5.0-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 3KP8.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP8.5 PANJIT-3KP8.5 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
3KP8.5 PANJIT-3KP8.5 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Surge Components
3KP8.5 SURGE-3KP8.5 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Goodwork Semiconductor ...
3KP8.5 GWSEMI-3KP8.5 Datasheet
189Kb / 4P
   3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3KP8.5 WTE-3KP8.5 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP8.5

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com