Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7185WP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7185WP
Description  Digital Video Encoder DENC2
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7185WP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7185WP Datasheet HTML 4Page - NXP Semiconductors SAA7185WP Datasheet HTML 5Page - NXP Semiconductors SAA7185WP Datasheet HTML 6Page - NXP Semiconductors SAA7185WP Datasheet HTML 7Page - NXP Semiconductors SAA7185WP Datasheet HTML 8Page - NXP Semiconductors SAA7185WP Datasheet HTML 9Page - NXP Semiconductors SAA7185WP Datasheet HTML 10Page - NXP Semiconductors SAA7185WP Datasheet HTML 11Page - NXP Semiconductors SAA7185WP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1996 Jul 08
8
Philips Semiconductors
Preliminary specification
Digital Video Encoder (DENC2)
SAA7185
Chrominance is modified in gain (programmable
separately for U and V), standard dependent burst is
inserted, before baseband colour signals are interpolated
from 6.75 MHz data rate to 27 MHz data rate. One of the
interpolation stages can be bypassed, thus providing a
higher colour bandwidth, which can be made use of for Y/C
output. For transfer characteristics of the chrominance
interpolation filter see Figs 3 and 4.
The amplitude of inserted burst is programmable in a
certain range, suitable for standard signals and for special
effects. Behind the succeeding quadrature modulator,
colour in 10-bit resolution is provided on subcarrier.
The numeric ratio between Y and C outputs is in
accordance with set standards.
CLOSED CAPTION ENCODER
Using this circuit, data in accordance with the specification
of Closed Caption or Extended Data Service, delivered by
the control interface, can be encoded (Line 21). Two
dedicated pairs of bytes (two bytes per field), each pair
preceded by run-in clocks and framing code, are possible.
The actual line number where data is to be encoded in, can
be modified in a certain range.
Data clock frequency is in accordance with definition for
NTSC-M standard 32 times horizontal line frequency.
Data LOW at the output of the DACs corresponds to 0 IRE,
data HIGH at the output of the DACs corresponds to
approximately 50
Ω.
It is also possible to encode Closed Caption Data for 50 Hz
field frequencies at 32 times horizontal line frequency.
Output Interface
In the output interface encoded Y and C signals are
converted from digital-to-analog in 10-bit resolution both Y
and C signals are combined to a 10-bit CVBS signal, also;
in front of the summation point, the luminance signal can
optionally be fed through a further filter stage, suppressing
components in the range of subcarrier frequency. Thus, a
type of Cross Colour reduction is provided, which is useful
in a standard TV set with CVBS input.
Slopes of synchronization pulses are not affected with any
Cross Colour reduction active.
Three different filter characteristics or bypass are
available, see Fig.5.
The CVBS output occurs with the same processing delay
as the Y and C outputs. Absolute amplitudes at the input
of the DAC for CVBS is reduced by 15
16 with respect to Y
and C DACs to make maximum use of conversion ranges.
Outputs of all DACs can be set together via software
control to minimum output voltage for either purpose.
Synchronization
The synchronization of the DENC2 is able to operate in
two modes; slave mode and master mode.
In the slave mode, the circuit accepts synchronization
pulses at the bidirectional RCV1 port. The timing and
trigger behaviour related to the video signal on VP (and
DP, if used) can be influenced by programming the polarity
and on-chip delay of RCV1. Active slope of RCV1 defines
the vertical phase and optionally the odd/even and colour
frame phase to be initialized, it can be also used to set the
horizontal phase.
If the horizontal phase is not be influenced by RCV1, a
horizontal pulse needs to be supplied at the RCV2 pin.
Timing and trigger behaviour can also be influenced for
RCV2.
If there are missing pulses at RCV1 and/or RCV2, the time
base of DENC2 runs free, thus an arbitrary number of
synchronization slopes may miss, but no additional pulses
(such with wrong phase) must occur.
If the vertical and horizontal phase is derived from RCV1,
RCV2 can be used for horizontal or composite blanking
input or output.
In the master mode, the time base of the circuit
continuously runs free. On the RCV1 port, the IC can
output:
• A Vertical Sync signal (VS) with 3 or 2.5 lines duration,
or
• An ODD/EVEN signal which is LOW in odd fields, or
• A field sequence signal (FSEQ) which is HIGH in the first
of 4 respectively 8 fields.
On the RCV2 port, the IC can provide a horizontal pulse
with programmable start and stop phase; this pulse can be
inhibited in the vertical blanking period to build up e.g. a
composite blanking signal.
The phase of the pulses output on RCV1 or RCV2 are
referenced to the VP port, polarity of both signals is
selectable.


Similar Part No. - SAA7185WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7185B PHILIPS-SAA7185B Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
SAA7185BWP PHILIPS-SAA7185BWP Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
More results

Similar Description - SAA7185WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
   Digital video encoder DENC2-SQ
1995 Sep 21
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com