Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7185BWP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7185BWP
Description  Digital Video Encoders DENC2-M6
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7185BWP Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7185BWP Datasheet HTML 1Page - NXP Semiconductors SAA7185BWP Datasheet HTML 2Page - NXP Semiconductors SAA7185BWP Datasheet HTML 3Page - NXP Semiconductors SAA7185BWP Datasheet HTML 4Page - NXP Semiconductors SAA7185BWP Datasheet HTML 5Page - NXP Semiconductors SAA7185BWP Datasheet HTML 6Page - NXP Semiconductors SAA7185BWP Datasheet HTML 7Page - NXP Semiconductors SAA7185BWP Datasheet HTML 8Page - NXP Semiconductors SAA7185BWP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1996 Jul 03
3
Philips Semiconductors
Preliminary specification
Digital Video Encoders (DENC2-M6)
SAA7184; SAA7185B
QUICK REFERENCE DATA
BLOCK DIAGRAM
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.75
5.0
5.25
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDA
analog supply current
50
55
mA
IDDD
digital supply current
130
170
mA
Vi
input signal voltage levels
TTL compatible
V
Vo(p-p)
analog output signal voltages Y, C and CVBS without load
(peak-to-peak value)
2
V
RL
load resistance
80
−−Ω
ILE
LF integral linearity error
−−±2
LSB
DLE
LF differential linearity error
−−±1
LSB
Tamb
operating ambient temperature
0
+70
°C
CONTROL
INTERFACE
DATA
MANAGER
ENCODER
internal control bus
clock timing signals
OUTPUT
INTERFACE
SYNC
CLK
A
VDDD1
to VDDD3
48,50,
54,56
D
55
47
53
51
49
52
46
43
RTCI
VrefH VDDA4
VDDA1
88
SAA7184
SAA7185B
8
8
8
8
8
MP7
to MP0
VP0
to VP7
8
61
68
SEL_MPU
CSN/SA
1,8,19
28,35,
42,62
DP0
to DP7
VSSD1
VSSD7
63 to 66
2 to 5
59
60
58
57
41
40
38
39
36
6
7
31
KEY
SEL_ED
OVL0
to OVL2
32 to 34
20 to 27
9 to 16
18
29
RCM1
RCM2
30
17,37,67
to
RWN/SCL
A0/SDA
DTACK
RES
XTALI
XTALO
LLC
CREF
CDIR
RCV1
RCV2
CVBS
Y
to
IOA
CHROMA
VSSA
VrefL
MGC679
Fig.1 Block diagram.


Similar Part No. - SAA7185BWP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
SAA7185WP PHILIPS-SAA7185WP Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
More results

Similar Description - SAA7185BWP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
   Digital video encoder DENC2-SQ
1995 Sep 21
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
   Superior video performance, 4-channel industrial video encoders
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com