Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR3595A2GW Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR3595A2GW
Description  500 mW 125 VOLTS ULTRA FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR3595A2GW Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR3595A2GW Datasheet HTML 1Page - Solid States Devices, Inc SDR3595A2GW Datasheet HTML 2Page - Solid States Devices, Inc SDR3595A2GW Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS 4/
Symbol
Typ
Max
Units
Maximum Forward Voltage Drop
5/
(IF = 200 mA)
(IF = 100 mA)
(IF = 50 mA)
(IF = 10 mA)
(IF = 5 mA)
(IF = 1 mA)
VF1
VF2
VF3
VF4
VF5
VF6
0.98
0.92
0.87
0.79
0.75
0.68
1.00
0.96
0.89
0.81
0.78
0.70
Volts
Maximum Reverse Leakage Current
5/
(VR = 125 V, TA = 25
oC)
(VR = 30 V, TA = 125
oC)
(VR = 125 V, TA = 125
oC)
(VR = 125 V, TA = 150
oC)
IR1
IR2
IR3
IR4
1.0
35
75
0.5
2.0
3.0
500
3
nA
nA
nA
µA
Max Junction Capacitance
(VR = 0 V, f = 1 MHz)
CJ
4
8
pF
REVERSE RECOVERY CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Reverse Recovery Time
(IF = 10 mA, IR = 10 mA, IM =1 mA)
trr
––
40
60
ns
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
5/ Pulsed
Available Part Numbers:
SDR3595A2GW
PIN ASSIGNMENT (Standard)
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Gullwing
C1
A1
C2
A2
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR3595A2GW


Similar Part No. - SDR3595A2GW

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR30010 SSDI-SDR30010 Datasheet
124Kb / 2P
   HYPER FAST RECTIFIER
SDR30010HG SSDI-SDR30010HG Datasheet
124Kb / 2P
   HYPER FAST RECTIFIER
SDR30015 SSDI-SDR30015 Datasheet
124Kb / 2P
   HYPER FAST RECTIFIER
SDR30020 SSDI-SDR30020 Datasheet
124Kb / 2P
   HYPER FAST RECTIFIER
SDR3004HF SSDI-SDR3004HF Datasheet
166Kb / 2P
   30A 35nsec 400 to 600 V Hyper Fast Rectifier
More results

Similar Description - SDR3595A2GW

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR952CT SSDI-SDR952CT Datasheet
229Kb / 2P
   80AMP ULTRA FAST RECOVERY RECTIFIER POSITIVE CENTERTAP 200 -500 VOLTS
logo
Powerex Power Semicondu...
R5020213 POWEREX-R5020213 Datasheet
491Kb / 4P
   Fast Recovery Rectifier (125 Amperes Average 1400 Volts)
R7220405 POWEREX-R7220405 Datasheet
773Kb / 4P
   Fast Recovery Rectifier (500 Amperes Average 2600 Volts)
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
   ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Shanghai Lunsure Electr...
UF5400 CHENYI-UF5400 Datasheet
57Kb / 3P
   3Amp ultra fast recovery rectifier 50to1000 volts
logo
Solid States Devices, I...
SEA2605 SSDI-SEA2605 Datasheet
185Kb / 2P
   30 AMP ULTRA FAST CENTERTAP RECTIFIER 500 VOLTS
logo
Shanghai Lunsure Electr...
UF4001 CHENYI-UF4001 Datasheet
338Kb / 2P
   1Amp ultra fast recovery rectifier 50to1000 volts
logo
Solid States Devices, I...
SDR620 SSDI-SDR620 Datasheet
185Kb / 4P
   20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR1304 SSDI-SDR1304_84 Datasheet
184Kb / 2P
   3AMP 200-800 VOLTS ULTRA FAST RECOVERY RECTIFIER
SDR900 SSDI-SDR900 Datasheet
202Kb / 2P
   30 AMP 50-500 VOLTS 50 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com