Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2L24ABJ00F Datasheet(PDF) 11 Page - Sharp Corporation

Part # GP2L24ABJ00F
Description  Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L24ABJ00F Datasheet(HTML) 11 Page - Sharp Corporation

Back Button GP2L24ABJ00F Datasheet HTML 4Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 5Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 6Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 7Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 8Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 9Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 10Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 11Page - Sharp Corporation GP2L24ABJ00F Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Sheet No.: D3-A02301EN
GP2L24J0000F
■ Package specification
● Sleeve package
Package materials
Sleeve : Polystyrene
Stopper : Styrene-Butadiene
Package method
MAX. 50 pcs. of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
MAX. 40 sleeves in one case.
Color of sleeve
Rank classification is distinguished by the color of the sleeve as shown in the table below.
But the ratio of each rank can not be guaranteed.
Rank
Color of sleeve
A
Yellow
B
Transparent
C
Green


Similar Part No. - GP2L24ABJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L24 SHARP-GP2L24 Datasheet
72Kb / 6P
   Subminiature, High Sensitivity Photointerrupter
More results

Similar Description - GP2L24ABJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-850X AVAGO-AEDR-850X Datasheet
264Kb / 10P
   3 Channel Refl ective Incremental Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com