Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7197T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7197T
Description  Clock Generator Circuit for desktop video systems CGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7197T Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7197T Datasheet HTML 1Page - NXP Semiconductors SAA7197T Datasheet HTML 2Page - NXP Semiconductors SAA7197T Datasheet HTML 3Page - NXP Semiconductors SAA7197T Datasheet HTML 4Page - NXP Semiconductors SAA7197T Datasheet HTML 5Page - NXP Semiconductors SAA7197T Datasheet HTML 6Page - NXP Semiconductors SAA7197T Datasheet HTML 7Page - NXP Semiconductors SAA7197T Datasheet HTML 8Page - NXP Semiconductors SAA7197T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
August 1996
5
Philips Semiconductors
Product specification
Clock Generator Circuit for desktop video systems (CGC)
SAA7197
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134);
ground pins as well as supply pins together connected.
Note
1. Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
recommended to take normal handling precautions appropriate to
“Handling MOS devices”.
CHARACTERISTICS
VDDA =VDDD = 4.5 to 5.5 V; fLFCO = 5.5 to 8.0 MHz and Tamb = 0 to 70 °C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDA
analog supply voltage (pin 5)
−0.5
7.0
V
VDDD
digital supply voltage (pins 8 and 17)
−0.5
7.0
V
Vdiff GND
difference voltage VDDA − VDDD
−±100
mV
VO
output voltage (IOM = 20 mA)
−0.5
VDDD
V
Ptot
total power dissipation (DIL20)
0
1.1
W
Tstg
storage temperature range
−65
150
°C
Tamb
operating ambient temperature range
0
70
°C
VESD
electrostatic handling(1) for all pins
tbf
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage (pin 5)
4.5
5.0
5.5
V
VDDD
digital supply voltage (pins 8 and 17)
4.5
5.0
5.5
V
IDDA
analog supply current (pin 5)
3
9mA
IDDD
digital supply current (I8 + I17)
note 1
10
60
mA
Vreset
power-on reset threshold voltage
Fig.4
3.5
-
V
Input LFCO (pin 11)
V11
DC input voltage
0
VDDA
V
Vi
input signal (peak-to-peak value)
1
VDDA
V
fLFCO
input frequency range
5.5
8.0
MHz
C11
input capacitance
−−
10
pF
Inputs MS, CE, LFCOSEL and LFCO2 (pins 1, 2, 16 and 19); note 3
VIL
input voltage LOW
0
0.8
V
VIH
input voltage HIGH
2.0
VDDD
V
fLFCO2
input frequency range for LFCO2
5.5
8.0
MHz
ILI
input leakage current
LFCOSEL
50
150
µA
others
−−
10
µA
CI
input capacitance
−−
5pF
Output RESN (pin 12)
VOL
output voltage LOW
IOL = 2 mA
0
0.4
V
VOH
output voltage HIGH
IOH = −0.5 mA
2.4
VDDD
V
td
RESN delay time
C3 = 0.1 µF; Fig.4
20
200
ms


Similar Part No. - SAA7197T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7196H PHILIPS-SAA7196H Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7199 PHILIPS-SAA7199 Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
More results

Similar Description - SAA7197T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA9057B ETC1-SAA9057B Datasheet
317Kb / 7P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Toshiba Semiconductor
TMPZ84C61AP-6 TOSHIBA-TMPZ84C61AP-6 Datasheet
440Kb / 23P
   TLCS-Z80 CGC : Z80 CLOCK GENERATOR/CONTROLLER
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com