Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7201 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7201
Description  Integrated MPEG2 AVG decoder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7201 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7201 Datasheet HTML 5Page - NXP Semiconductors SAA7201 Datasheet HTML 6Page - NXP Semiconductors SAA7201 Datasheet HTML 7Page - NXP Semiconductors SAA7201 Datasheet HTML 8Page - NXP Semiconductors SAA7201 Datasheet HTML 9Page - NXP Semiconductors SAA7201 Datasheet HTML 10Page - NXP Semiconductors SAA7201 Datasheet HTML 11Page - NXP Semiconductors SAA7201 Datasheet HTML 12Page - NXP Semiconductors SAA7201 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1997 Jan 29
9
Philips Semiconductors
Objective specification
Integrated MPEG2 AVG decoder
SAA7201
VDDA
121
supply for analogue blocks
3.3
VSSA
122
ground for analogue blocks
VSS13
123
ground for pad ring
CLK
124
27 MHz clock input
3.3
I
VSS14
125
ground for pad ring
TCLK
126
boundary scan test clock input
3.3
I
TRST
127
boundary scan test reset input
3.3
I
TMS
128
boundary scan test mode select input
3.3
I
TDO
129
boundary scan test data output
3.3
O
TDI
130
boundary scan test data input
3.3
I
VDD13
131
supply for pad ring
3.3
TEST4
132
IC test interface
3.3
I/O
TEST3
133
IC test interface
3.3
I/O
TEST2
134
IC test interface
3.3
I/O
TEST1
135
IC test interface
3.3
I/O
TEST0
136
IC test interface
3.3
I/O
VDD14
137
supply for pad ring
3.3
RESET
138
hard reset input (active LOW)
3.3
I
FSCLK
139
256 or 384 fs (audio sampling) output
3.3
O/Z
VDDCO4
140
supply for core logic
3.3
VSSCO4
141
ground for core logic
SCLK
142
serial audio clock output
3.3
O/Z
SD
143
serial audio data output
3.3
O/Z
VSS15
144
ground for pad ring
WS
145
word select output
3.3
O/Z
SPDIF
146
digital audio output
3.3
O/Z
ERROR
147
flag for bitstream error input
5.0
I
V_STROBE
148
video strobe input
5.0
I
VDD15
149
supply for pad ring
3.3
AV_DATA0
150
MPEG input port for PES data
5.0
I
AV_DATA1
151
MPEG input port for PES data
5.0
I
AV_DATA2
152
MPEG input port for PES data
5.0
I
AV_DATA3
153
MPEG input port for PES data
5.0
I
VSS16
154
ground for pad ring
AV_DATA4
155
MPEG input port for PES data
5.0
I
AV_DATA5
156
MPEG input port for PES data
5.0
I
AV_DATA6
157
MPEG input port for PES data
5.0
I
AV_DATA7
158
MPEG input port for PES data
5.0
I
A_STROBE
159
audio strobe input
5.0
I
VDD16
160
supply for pad ring
3.3
SYMBOL
PIN
DESCRIPTION
V
I/O


Similar Part No. - SAA7201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7205 PHILIPS-SAA7205 Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7205H PHILIPS-SAA7205H Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7206 PHILIPS-SAA7206 Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
SAA7206H PHILIPS-SAA7206H Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
More results

Similar Description - SAA7201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7212 PHILIPS-SAA7212 Datasheet
93Kb / 20P
   Integrated MPEG AVG decoder
1998 Sep 07
SAA2503 PHILIPS-SAA2503 Datasheet
139Kb / 20P
   MPEG2 audio decoder
1997 Jul 02
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
   MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
NEC
UPD61051 NEC-UPD61051 Datasheet
824Kb / 106P
   MOS INTEGRATED CIRCUIT MPEG2 AUDIO/VIDEO ENCODER
logo
Zoran Corporation
ZR36730 ZORAN-ZR36730 Datasheet
43Kb / 2P
   INTEGRATED DVD DECODER
logo
STMicroelectronics
QAMI5107 STMICROELECTRONICS-QAMI5107 Datasheet
93Kb / 6P
   Low-cost QAM demodulator and MPEG2 decoder SOC for set-top boxes
STI5189 STMICROELECTRONICS-STI5189 Datasheet
149Kb / 9P
   Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
   Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com